Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL2575HV Datasheet(PDF) 2 Page - Texas Instruments

Part # TL2575HV
Description  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2575HV Datasheet(HTML) 2 Page - Texas Instruments

  TL2575HV Datasheet HTML 1Page - Texas Instruments TL2575HV Datasheet HTML 2Page - Texas Instruments TL2575HV Datasheet HTML 3Page - Texas Instruments TL2575HV Datasheet HTML 4Page - Texas Instruments TL2575HV Datasheet HTML 5Page - Texas Instruments TL2575HV Datasheet HTML 6Page - Texas Instruments TL2575HV Datasheet HTML 7Page - Texas Instruments TL2575HV Datasheet HTML 8Page - Texas Instruments TL2575HV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638B – MAY 2006 – REVISED JANUARY 2007
ORDERING INFORMATION(1)
TL2575 (VIN(MAX) = 40 V)
VO
TJ
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
(NOM)
PDIP – N
Tube of 25
TL2575-33IN
TL2575-33IN
3.3 V
TO-263 – KTT
Reel of 500
TL2575-33IKTTR
TL2575-33I
TO-220 – KV
Tube of 50
TL2575-33IKV
TL2575-33I
PDIP – N
Tube of 25
TL2575-05IN
TL2575-05IN
5 V
TO-263 – KTT
Reel of 500
TL2575-05IKTTR
TL2575-05I
TO-220 – KV
Tube of 50
TL2575-05IKV
TL2575-05I
PDIP – N
Tube of 25
TL2575-12IN
TL2575-12IN
–40
°C to 125°C
12 V
TO-263 – KTT
Reel of 500
TL2575-12IKTTR
TL2575-12I
TO-220 – KV
Tube of 50
TL2575-12IKV
TL2575-12I
PDIP – N
Tube of 25
TL2575-15IN
TL2575-15IN
15 V
TO-263 – KTT
Reel of 500
TL2575-15IKTTR
TL2575-15I
TO-220 – KV
Tube of 50
TL2575-15IKV
TL2575-15I
PDIP – N
Tube of 25
TL2575-ADJIN
TL2575-ADJIN
ADJ
TO-263 – KTT
Reel of 500
TL2575-ADJIKTTR
TL2575ADJI
TO-220 – KV
Tube of 50
TL2575-ADJIKV
TL2575ADJI
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
ORDERING INFORMATION(1)
TL2575HV (VIN(MAX) = 60 V)
VO
TJ
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
(NOM)
PDIP – N
Tube of 25
TL2575HV-33IN
TL2575HV-33IN
3.3 V
TO-263 – KTT
Reel of 500
TL2575HV-33IKTTR
2BHV-33I
TO-220 – KV
Tube of 50
TL2575HV-33IKV
TL2575HV-33I
PDIP – N
Tube of 25
TL2575HV-05IN
TL2575HV-05IN
5 V
TO-263 – KTT
Reel of 500
TL2575HV-05IKTTR
2BHV-05I
TO-220 – KV
Tube of 50
TL2575HV-05IKV
TL2575HV-05I
PDIP – N
Tube of 25
TL2575HV-12IN
TL2575HV-12IN
–40
°C to 125°C
12 V
TO-263 – KTT
Reel of 500
TL2575HV-12IKTTR
2BHV-12I
TO-220 – KV
Tube of 50
TL2575HV-12IKV
TL2575HV-12I
PDIP – N
Tube of 25
TL2575HV-15IN
TL2575HV-15IN
15 V
TO-263 – KTT
Reel of 500
TL2575HV-15IKTTR
2BHV-15I
TO-220 – KV
Tube of 50
TL2575HV-15IKV
TL2575HV-15I
PDIP – N
Tube of 25
TL2575HV-ADJIN
TL2575HV-ADJIN
ADJ
TO-263 – KTT
Reel of 500
TL2575HV-ADJIKTTR
2BHV-ADJI
TO-220 – KV
Tube of 50
TL2575HV-ADJIKV
TL2575HVADJI
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com