Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB34412120 Datasheet(PDF) 2 Page - E-SWITCH

Part # RB34412120
Description  RB3 Series Rocker Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RB34412120 Datasheet(HTML) 2 Page - E-SWITCH

  RB34412120 Datasheet HTML 1Page - E-SWITCH RB34412120 Datasheet HTML 2Page - E-SWITCH RB34412120 Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.e-switch.com
800.867.2717
2
RB3 Series Rocker Switch
Body Dimensions
Non-Illuminated
Schematic
Recommended Panel Cutout
SHEET OF
1
4
7/25/2023
RB3 Catalog Drawing
RATINGS
GASKET
EPOXY
SEALED
9.60
[.38 in]
25.0
[.98 in]
9.50
[.374 in]
.80
[.031 in]
11.0
[.43 in]
28.0
[1.10 in]
10.0
[.39 in]
6.0
[.24 in]
3.0
[.12 in]
1.70
[
.067 in]
12.7
[.50 in]
13.70
[.54 in]
17.0
[.67 in]
34.0
[1.34 in]
L
1
30.20 - .00
.10
+
1.189 - .000
.004
+
in
[
]
13.80 - .00
.10
+
.543 - .000
.004
+
in
[]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com