Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4191 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4191
Description  2 x AAA Battery Holder with On/Off Switch & JST PH Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4191 Datasheet(HTML) 2 Page - Adafruit Industries

  4191 Datasheet HTML 1Page - Adafruit Industries 4191 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This is a great update to the battery packs that come with micro:bit's because it
has an on-off switch built in so you don't have to yank it out to turn off the
power.
TECHNICAL DETAILS
Cable Length: 6" long, terminated with a genuine JST-PH 2 pin connector
Holder Dimensions: 62.5 x 25.3 x 15.4mm
                                                https://www.adafruit.com/product/4191/5‐3‐19



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com