Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4321 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4321
Description  M5StickV AI Camera - Kendryte K210 Chipset (no Wi Wi-Fi)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4321 Datasheet(HTML) 2 Page - Adafruit Industries

  4321 Datasheet HTML 1Page - Adafruit Industries 4321 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
does not last very long because of the high current draw of the display and
CPU. Please note that there is a microphone on board but it is not functional,
hopefully will be repaired in the next revision of this board.
This is an awesome dev kit to get started with the Kendryte K210 RISC-V core,
with all the fixin's already built in!
Specs
•
Quick Start Guide
•
SoC – Kendryte K210 dual-core 64-bit RISC-V processor @ 400MHz with
dual independent double-precision FPU, 8MB on-chip SRAM, Neural
Network Processor (KPU) @ 0.8Tops, Field-Programmable IO Array
(FPIOA), and more
•
Storage – 16MB flash, microSD card slot
•
Display -1.14″ SPI display with 240×135 resolution ( ST7789 driver)
•
Camera – VGA (640×480) camera via OV7740 sensor
•
Audio – MAX98357 mono audio amplifier, speaker
•
Sensor – MPU6886 3-axis gyroscope, 3-axis accelerometer
•
USB – 1x USB-C port for power and programming
•
Misc – Front and side buttons (A / B), power button, RGBW LED
•
Expansion – 4-pin “CONNEXT” port
•
Power Supply
•
200 mAh battery
•
AXP192 PMIC
https://www.adafruit.com/product/4321/9-10-19



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com