Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BC847
Description  SMALL SIGNAL NPN TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BC847 Datasheet(HTML) 2 Page - STMicroelectronics

  BC847 Datasheet HTML 1Page - STMicroelectronics BC847 Datasheet HTML 2Page - STMicroelectronics BC847 Datasheet HTML 3Page - STMicroelectronics BC847 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-amb
•
Rth j-SR
•
Thermal Resistance Junction-Ambient
Max
Thermal Resistance Junction-Substrat e
Max
420
330
oC/W
oC/W
• Mounted on a ceramic substrate area = 10 x 8 x 0.6 mm
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICBO
Collect or Cut-off
Current (IE =0)
VCE =30 V
VCE =30 V
Tamb =150
oC
15
5
nA
µA
V(BR)CES
∗ Collector-Emitter
Breakdown Volt age
(VBE =0)
IC =10
µA50
V
V(BR)CBO
∗ Collector-Base
Breakdown Volt age
(IE =0)
IC =10
µA50
V
V(BR)CEO
∗ Collector-Emitter
Breakdown Volt age
(IB =0)
IC =2 mA
45
V
V(BR)EBO
Emitt er-Base
Breakdown Volt age
(IC =0)
IC =10
µA6
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =10 mA
IB =0.5 mA
IC =100 mA
IB =5 mA
0. 09
0.2
0.25
0.6
V
V
VBE(s at)
∗ Base-Emitter
Saturat ion Voltage
IC =10 mA
IB =0.5 mA
IC =100 mA
IB =5 mA
0. 75
0.9
V
V
VBE(on)
∗ Base-Emitter On
Voltage
IC =2 mA
VCE =5 V
IC =10 mA
VCE =5 V
0.58
0. 63
0.7
0.7
0.77
V
V
hFE
∗
DC Current G ain
IC =10
µAVCE =5 V
IC =2 mA
VCE = 5 V
200
150
290
450
fT
Transit ion F requency
IC =10 mA VCE = 5 V f = 100MHz
300
MHz
CCB
Collect or Base
Capacitance
IE =0
VCB =10 V
f = 1 MHz
4.5
pF
CEB
Collector Emitter
Capacitance
IC =0
VEB =0.5 V
f =1 MHz
9
pF
NF
Noise Figure
VCE =5 V
IC =0.2 mA
f = 1KHz
∆f = 200 Hz RG =2 KΩ
210
dB
hie
∗
Input Impedance
VCE =5 V
IC = 2 mA
f = 1KHz
3. 2
4.5
8.5
K
Ω
hre
∗
Reverse Voltage Ratio
VCE =5 V
IC =2 mA
f = 1KHz
2
10
-4
hfe
∗
Small Signal Current
Gain
VCE =5 V
IC = 2 mA
f = 1KHz
330
hoe
∗
Output Admittance
VCE =5 V
IC = 2 mA
f = 1KHz
30
60
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2%
BC847
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com