Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NK-59A-2-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # NK-59A-2-R
Description  Circular Connector, Solder-type, Shell Size : N, Dust Cap (for Pin insert)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

NK-59A-2-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  NK-59A-2-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. NK-59A-2-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. NK-59A-2-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NK-59A-2-R
Features
Circular Connector, Solder-type, Shell Size : N, Dust Cap (for Pin insert)
Part Number
NK-59A-2-R
Status
Active
Number of Positions
  
Rated Current
  
Waterproof/ Non-waterproof
not available
Applications
 
Broadcasting equipment, sound equipment, communication devices, etc. 
Connector Type
Dust Cap
Connector Style
  
Contact Type
Pin
Termination Style
  
Coupling Style
Threaded
Contact Size
  
Shell Size
N
Contact Size X No. of Contacts
  
Finish of Contact in Connecting
Area
  
Total Current Rating
  
Product Details


Similar Part No. - NK-59A-2-R

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
NK-50 PAIRUI-NK-50 Datasheet
687Kb / 10P
AC-DC Switching Mode Power Supply
NK-50 PAIRUI-NK-50 Datasheet
634Kb / 8P
AC-DC Switching Mode Power Supply
NK-50 PAIRUI-NK-50_19 Datasheet
634Kb / 8P
AC-DC Switching Mode Power Supply
logo
KITAGAWA GmbH
NK-5N KGS-NK-5N Datasheet
358Kb / 1P
Screw mount standard cable clamp
More results

Similar Description - NK-59A-2-R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM21TPA-15S HIROSE-RM21TPA-15S Datasheet
795Kb / 15P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
RM21TPA-15S HIROSE-RM21TPA-15S_1 Datasheet
774Kb / 13P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
logo
Pasternack Enterprises,...
PE6015 PASTERNACK-PE6015 Datasheet
77Kb / 1P
Shorting N Male Dust Cap
PE6022 PASTERNACK-PE6022 Datasheet
234Kb / 2P
Shorting N Male Dust Cap
PE6017 PASTERNACK-PE6017 Datasheet
230Kb / 2P
Non-Shorting Dust Cap for N Male
PE6031 PASTERNACK-PE6031 Datasheet
229Kb / 2P
Shorting Dust Cap for N Female
PE6116 PASTERNACK-PE6116 Datasheet
229Kb / 2P
Non-Shorting Dust Cap for N Female
logo
Samtec, Inc
DCA-RPBU-01-01-A SAMTEC-DCA-RPBU-01-01-A Datasheet
154Kb / 2P
DUST CAP FOR RPBU
logo
TE Connectivity Ltd
C-2363703 TEC-C-2363703 Datasheet
239Kb / 1P
NECTOR T, 3Pos, PIN CONNECTOR DUST CAP
logo
Ulti-Mate Connector Inc
SD-831111000 ULTI-MATE-SD-831111000 Datasheet
115Kb / 1P
CIRCULAR CONNECTOR, "RQ" SERIES, RQR1B1-7N, RECEPTACLE, SIZE 7 PIN, SOLDER CUPS
8/2/17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com