Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP52 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BCP52
Description  MEDIUM POWER AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BCP52 Datasheet(HTML) 1 Page - STMicroelectronics

  BCP52 Datasheet HTML 1Page - STMicroelectronics BCP52 Datasheet HTML 2Page - STMicroelectronics BCP52 Datasheet HTML 3Page - STMicroelectronics BCP52 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BCP52/53
MEDIUM POWER AMPLIFIER
ADVANCE DATA
s
SILICON EPITAXIAL PLANAR PNP
TRANSISTORS
s
MINIATURE PLASTIC PACKAGE FOR
APPLICATION IN SURFACE MOUNTING
CIRCUITS
s
GENERAL PURPOSE MAINLY INTENDED
FOR USE IN MEDIUM POWER INDUSTRIAL
APPLICATION AND FOR AUDIO AMPLIFIER
OUTPUT STAGE
s
NPN COMPLEMENTS ARE BCP55 AND
BCP56 RESPECTIVELY
INTERNAL SCHEMATIC DIAGRAM
October 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
BCP52
BCP53
VCBO
Collector-Base Voltage (IE = 0)
-60
-100
V
VCEO
Collector-Emitter Voltage (IB = 0)
-60
-80
V
VCER
Collector-Emitter Voltage (RBE = 1K
Ω)-60
-100
V
VEBO
Emitter-Base Voltage (IC = 0)
-5
V
IC
Collector Current
-1
A
ICM
Collector Peak Current (tp < 5 ms)
-1.5
A
IB
Base Current
-0.1
A
IBM
Base Peak Current (tp < ms)
-0.2
A
Ptot
Total Dissipation at Tc = 25
o C2
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1
2
2
3
SOT-223
1/4


Similar Part No. - BCP52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP52 PHILIPS-BCP52 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCP52 SIEMENS-BCP52 Datasheet
140Kb / 5P
PNP Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Fairchild Semiconductor
BCP52 FAIRCHILD-BCP52 Datasheet
46Kb / 4P
PNP General Purpose Amplifier
logo
Infineon Technologies A...
BCP52 INFINEON-BCP52 Datasheet
48Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BCP52 DIOTEC-BCP52 Datasheet
234Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCP52

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
BOWEI Integrated Circui...
HE572L BOWEI-HE572L Datasheet
106Kb / 1P
Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
Medium Power Amplifier
HE641B BOWEI-HE641B Datasheet
95Kb / 1P
Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
Medium power amplifier
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
Medium power amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com