Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL201G Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # RL201G
Description  CURRENT 2.0Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL201G Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  RL201G Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL201G Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RL201G THRU RL207G
Features
Mechanical Data
· The plastic package carries Underwrites Laboratory
Flammability Classification 94V-0
· High current capability
· Low reverse leakage
· Glass passivated junction
· Low forward voltage drop
· High temperature soldering guaranteed : 350℃/10 seconds,
0.375"(9.5mm) lead length, 5lbs.(2.3kg) tension
Maximum Ratings And Electrical Characteristics
· Case : JEDEC DO-15 molded plastic body
· Terminals : Lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.014 ounce, 0.39 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4.0V DC.
(2) Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm) lead length, P.C.B. mounted
CURRENT 2.0Amperes
VOLTAGE 50 to 1000 Volts
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms half sing
wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
0.375"(9.5mm) lead length TA=75℃
Maximum instantaneous forward voltage
at 2.0A
VRRM
Volts
Symbols
Units
1.1
VF
VRMS
2.0
Amps
Amps
70.0
IFSM
TJ
TSTG
50.0
-50 to +175
℃
Volts
Maximum reverse current
at rated DC blocking voltage
Typical thermal resistance (Note 2)
Typical junction capacitance (Note 1)
Operating and storage temperature range
50
RL
201G
35
50
5.0
40.0
Volts
μA
℃/W
pF
I(AV)
IR
RθJA
TA=25℃
TA=100℃
20.0
CJ
100
RL
202G
70
100
200
RL
203G
140
200
400
RL
204G
280
400
600
RL
205G
420
600
800
RL
206G
560
800
1000
RL
207G
700
1000
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.300(7.6)
0.230(5.8)
0.034(0.9)
0.028(0.7)
DIA.
0.140(3.6)
0.104(2.6)
DIA.


Similar Part No. - RL201G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL201G RECTRON-RL201G Datasheet
23Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
RL201G JGD-RL201G Datasheet
128Kb / 2P
2.0 AMPS. GLASS PASSIVATED RECTIFIERS
logo
Bytes
RL201G BYTES-RL201G Datasheet
151Kb / 2P
2.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Shanghai Lunsure Electr...
RL201G CHENYI-RL201G Datasheet
141Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Dc Components
RL201G DCCOM-RL201G Datasheet
409Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
More results

Similar Description - RL201G

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KBJ4A DAESAN-KBJ4A Datasheet
240Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBJ10A DAESAN-KBJ10A Datasheet
241Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
KBL3005 DAESAN-KBL3005 Datasheet
227Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC15005 DAESAN-KBPC15005 Datasheet
231Kb / 2P
CURRENT 15.0 Amperes VOLTAGE 50 to 1000 Volts
RL251G DAESAN-RL251G Datasheet
315Kb / 2P
CURRENT 2.5Amperes VOLTAGE 50 to 1000 Volts
SB220 DAESAN-SB220 Datasheet
367Kb / 2P
CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SK22 DAESAN-SK22 Datasheet
261Kb / 2P
CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SR202 DAESAN-SR202 Datasheet
349Kb / 2P
CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SS22 DAESAN-SS22 Datasheet
310Kb / 2P
CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com