Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF50 10R. Datasheet(PDF) 13 Page - Multicomp Pro

Part # MF50 10R.
Description  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF50 10R. Datasheet(HTML) 13 Page - Multicomp Pro

Back Button MF50 10R. Datasheet HTML 9Page - Multicomp Pro MF50 10R. Datasheet HTML 10Page - Multicomp Pro MF50 10R. Datasheet HTML 11Page - Multicomp Pro MF50 10R. Datasheet HTML 12Page - Multicomp Pro MF50 10R. Datasheet HTML 13Page - Multicomp Pro MF50 10R. Datasheet HTML 14Page - Multicomp Pro MF50 10R. Datasheet HTML 15Page - Multicomp Pro MF50 10R. Datasheet HTML 16Page - Multicomp Pro MF50 10R. Datasheet HTML 17Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Page <13>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Resistor, 250mW, 1%, 12K
MF25 12K
Resistor, 250mW, 1% 12K
MF25 12K.
Resistor, 250mW 1% 12R
MF25 12R
Resistor, 250mW 1% 130K
MF25 130K
Resistor, 250mW 1% 130R
MF25 130R
Resistor, 250mW 1% 13K
MF25 13K
Resistor, 250mW 1% 13R
MF25 13R
Resistor, 250mW, 1%, 150K
MF25 150K
Resistor, 250mW 1%, 150K
MF25 150K.
Resistor, 250mW, 1%, 150R
MF25 150R
Resistor, 250mW, 1%, 15K,
MF25 15K
Resistor, 250mW 1% 15R
MF25 15R
Resistor, 250mW 1% 160K
MF25 160K
Resistor, 250mW 1% 160R
MF25 160R
Resistor, 250mW 1% 16K
MF25 16K
Resistor, 250mW 1% 16R
MF25 16R
Resistor, 250mW 1% 180K
MF25 180K
Resistor, 250mW 1% 180R
MF25 180R
Resistor, 250mW, 1%, 18K
MF25 18K
Resistor, 250mW 1% 18R
MF25 18R
Resistor, 250mW, 1%, 1K
MF25 1K
Resistor, 250mW 1% 1K1
MF25 1K1
Resistor, 250mW, 1%, 1.2K
MF25 1K2
Resistor, 250mW 1% 1K3
MF25 1K3
Resistor, 1.5K, 250mW, 1%
MF25 1K5
Resistor, 250mW 1% 1K6
MF25 1K6
Resistor, 250mW 1% 1K6
MF25 1K6.
Resistor, 250mW 1% 1K8
MF25 1K8
Resistor, 250mW, 1%, 1MR
MF25 1M
Resistor, 250mW 1% 1R
MF25 1R
Resistor, 250mW 1% 1R
MF25 1R.
Resistor, 250mW 1% 1R5
MF25 1R5
Resistor, 250mW, 1%, 200K
MF25 200K
Resistor, 250mW, 1%, 200R
MF25 200R
Resistor, 250mW, 1%, 20K
MF25 20K
Resistor, 250mW 1% 20R
MF25 20R
Resistor, 250mW, 1%, 220K
MF25 220K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com