Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF50 15R. Datasheet(PDF) 12 Page - Multicomp Pro

Part # MF50 15R.
Description  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF50 15R. Datasheet(HTML) 12 Page - Multicomp Pro

Back Button MF50 15R. Datasheet HTML 8Page - Multicomp Pro MF50 15R. Datasheet HTML 9Page - Multicomp Pro MF50 15R. Datasheet HTML 10Page - Multicomp Pro MF50 15R. Datasheet HTML 11Page - Multicomp Pro MF50 15R. Datasheet HTML 12Page - Multicomp Pro MF50 15R. Datasheet HTML 13Page - Multicomp Pro MF50 15R. Datasheet HTML 14Page - Multicomp Pro MF50 15R. Datasheet HTML 15Page - Multicomp Pro MF50 15R. Datasheet HTML 16Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Page <12>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Resistor, 125mW 1% 6K2
MF12 6K2
Resistor, 125mW 1% 6K2
MF12 6K2.
Resistor, 125mW 1% 6K8
MF12 6K8
Resistor, 125mW 1% 6R8
MF12 6R8
Resistor, 125mW 1% 6R8
MF12 6R8.
Resistor, 125mW 1% 750K
MF12 750K
Resistor, 125mW 1% 750R
MF12 750R
Resistor, 125mW 1% 750R
MF12 750R.
Resistor, 125mW 1% 75K
MF12 75K
Resistor, 125mW 1% 75R
MF12 75R
Resistor, 125mW 1% 75R
MF12 75R.
Resistor, 125mW 1% 7K5
MF12 7K5
Resistor, 125mW 1% 820K
MF12 820K
Resistor, 125mW 1% 820R
MF12 820R
Resistor, 125mW 1% 82K
MF12 82K
Resistor, 125mW 1% 82R
MF12 82R
Resistor, 125mW 1% 8K2
MF12 8K2
Resistor, 125mW 1% 8K2
MF12 8K2.
Resistor, 125mW 1% 910K
MF12 910K
Resistor, 125mW 1% 910R
MF12 910R
Resistor, 125mW 1% 91K
MF12 91K
Resistor, 125mW 1% 91R
MF12 91R
Resistor, 125mW 1% 9K1
MF12 9K1
Resistor, 125mW 1% 9K1
MF12 9K1.
Resistor, 100K, 250mW, 1%
MF25 100K
Resistor, 100R, 250mW, 1%
MF25 100R
Resistor, 250mW 1% 100R
MF25 100R.
Resistor, 250mW, 1%, 10K
MF25 10K
Resistor, 250mW, 1%, 10R
MF25 10R
Resistor, 250mW 1% 110K
MF25 110K
Resistor, 250mW 1% 110K
MF25 110K.
Resistor, 250mW 1% 110R
MF25 110R
Resistor, 250mW 1% 110R
MF25 110R.
Resistor, 250mW 1% 11K
MF25 11K
Resistor, 250mW 1% 11R
MF25 11R
Resistor, 250mW 1% 120K
MF25 120K
Resistor, 250mW, 1%, 120R
MF25 120R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com