Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7716-24SC-SVC-RTF Datasheet(PDF) 3 Page - Edgecore Networks Corporation

Part # 7716-24SC-SVC-RTF
Description  AS7716-24SC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

7716-24SC-SVC-RTF Datasheet(HTML) 3 Page - Edgecore Networks Corporation

  7716-24SC-SVC-RTF Datasheet HTML 1Page - Edgecore Networks Corporation 7716-24SC-SVC-RTF Datasheet HTML 2Page - Edgecore Networks Corporation 7716-24SC-SVC-RTF Datasheet HTML 3Page - Edgecore Networks Corporation 7716-24SC-SVC-RTF Datasheet HTML 4Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Regulatory Compliance
■ EMI
CE Mark
EN 55032 Class A
EN 55024
EN 61000-3-2
EN 61000-3-3
■ FCC Part 15 Subpart B Class A
■ VCCI Class A
■ Safety
CB
UL/CUL
■ Environmental:
Temperature: IEC 68-2-14
Vibration: IEC 68-2-36, IEC 68-2-6
Shock: IEC 68-2-29
Drop: ISTA 2A
■ RoHS 2.0 Compliant
Warranty
Please check www.edge-core.com for the warranty terms in your
country.
For More Information
To find out more about Edgecore Networks Corporation products
and solutions, visit www.edge-core.com.
About Edgecore Networks Corporation
Edgecore Networks Corporation is in the business of providing
innovative network solutions. In the service provider network, in the
data center or in the cloud, Edgecore Networks Corporation delivers
the soſtware and systems that transform the way the world
connects. Edgecore Networks Corporation serves customers and
partners worldwide. Additional information can be found at
www.edge-core.com.
Edgecore Networks Corporation is a subsidiary of Accton
Technology Corporation, the leading network ODM company. The
Edgecore data center switches are developed and manufactured by
Accton.
To purchase Edgecore Networks solutions, please contact your
Edgecore Networks Corporation representatives at +886 3 563 8888
(HQ) or +1 (949)-336-6801 or authorized resellers.
© Copyright 2023 Edgecore Networks Corporation. The information
contained herein is subject to change without notice. This document
is for informational purposes only and does not set forth any
warranty, expressed or implied, concerning any equipment,
equipment feature, or service offered by Edgecore Networks
Corporation. Edgecore Networks Corporation shall not be liable for
technical or editorial errors or omissions contained herein.
Ports
■ Switch Ports:
16 x QSFP28 ports. Each port supports 1 x 40/100 GbE
8 line-card slots for QSFP28, DCO modules
■ Management Ports on Port Side:
1 x RJ-45 serial console
1 x RJ-45 100/1000BASE-T management
1 x USB (storage)
Key Components
■ Switch Silicon: Broadcom BCM56965 Tomahawk+
■ CPU Modules:
Intel® Xeon® D-1518 4-Core x86 Processor
DDR4: SO-DIMM 8 GB x 2
SPI Flash: 16MB
m.2 SSD: 32 GB MLC
Performance
■ Switching Capacity: 3.2 Tbps full duplex
■ Jumbo frames support up to 9216 Bytes
■ Subject to NOS:
MAC Addresses: 8 K min./136 K max.
VLAN IDs: 4 K
IPv4: 8 K min./84 K max. host entries; 16 K LPM entries with
TCAM-only mode
IPv6: 4 K min /36 K max. host entries; IPv6/64= 8 K TCAM-only
mode
Physical and Environmental
■ Dimensions (WxDxH): 44.25 x 55.0 x 6.6 cm (17.42 x 21.65 x 2.6 in.)
■ Operating Temperature: 0°C to 45°C (32°F to 113°F)
■ Storage Temperature: -40° C to 70° C (-40° F to 158° F)
■ Operating Humidity: 5% to 95% (non-condensing)
Soſtware
■ Switch is loaded with Open Network Install Environment (ONIE)
soſtware installer
■ Compatible with the following NOS options: open source
options, plus commercial NOS offerings.
LEDs
■ QSFP28 Port LEDs: Link Status, Activity, Speed
■ Ethernet Management Port LED: Link Status, Activity
■ System LEDs: Diagnostic, Locator, PSU and Fan Status
■ Modules LED: Link Status, Activity, Speed
Power
■ PSUs: 1+1 redundant, load-sharing, hot-swappable
■ Input Voltage: 100-240VAC at 50-60 Hz; -40 to -72 VDC
■ PSU Efficiency: Up to 93% for AC PSUs
Full loading, the total power consumption is approximately 1100 W.
1. Under the operation of full loading, the system of AS7716-24SC can
support 1 PSU operation if the VAC is set up at high line mode.
2. It’s necessary to use 2 PSUs when the VAC is configured at low line
mode.
t6
Weight
AS7716-24SC
DCO
QSFP28
Net Weight
11.6 kg
0.372 kg
0.322 kg



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com