Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8883T/1 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8883T/1
Description  Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883T/1 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8883T/1 Datasheet HTML 1Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 2Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 3Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 4Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 5Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 6Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 7Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 8Page - NXP Semiconductors PCF8883T/1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1.
General description
The integrated circuit PCF8883 is a capacitive touch and proximity switch that uses a
patented (EDISEN) digital method to detect a change in capacitance on a remote sensing
plate. Changes in the static capacitance (as opposed to dynamic capacitance changes)
are automatically compensated using continuous auto-calibration. Remote sensing plates
(e.g. conductive foil) can be connected directly to the IC1 or remotely using a coaxial
cable.
2.
Features and benefits
 Dynamic proximity switch
 Digital processing method
 Adjustable sensitivity, can be made very high
 Adjustable response time
 Wide input capacitance range (10 pF to 60 pF)
 Automatic calibration
 A large distance (several meters) between the sensing plate and the IC is possible
 Open-drain output (P-type MOSFET, external load between pin and ground)
 Designed for battery powered applications (IDD = 3 A, typical)
 Output configurable as push-button, toggle, or pulse
 Wide voltage operating range (VDD = 3 V to 9 V)
 Large temperature operating range (Tamb = 40 C to +85 C)
 Internal voltage regulator
 Available in SOIC8 and wafer level chip-size package
3.
Applications
 Proximity detection
 Proximity sensing in
 Mobile phones
 Portable entertainment units
 Switch for medical applications
 Switch for use in explosive environments
 Vandal proof switches
 Transportation: Switches in or under upholstery, leather, handles, mats, and glass
PCF8883
Capacitive touch/proximity switch with auto-calibration, large
voltage operating range, and very low power consumption
Rev. 4.1 — 14 September 2016
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 21.


Similar Part No. - PCF8883T/1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8883T NXP-PCF8883T Datasheet
124Kb / 24P
Capacitive proximity switch with auto-calibration, large voltage operating range and very low power consumption
Rev. 01-16 October 2009
PCF8883T NXP-PCF8883T Datasheet
251Kb / 25P
Capacitive proximity switch with auto-calibration, large voltage operating
Rev. 2-8 March 2011
More results

Similar Description - PCF8883T/1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
logo
NXP Semiconductors
PCF8883 NXP-PCF8883 Datasheet
124Kb / 24P
Capacitive proximity switch with auto-calibration, large voltage operating range and very low power consumption
Rev. 01-16 October 2009
logo
Semtech Corporation
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
Low Power, Capacitive Button Touch and Proximity Controller
logo
NXP Semiconductors
PCF8883 NXP-PCF8883_11 Datasheet
251Kb / 25P
Capacitive proximity switch with auto-calibration, large voltage operating
Rev. 2-8 March 2011
logo
Semtech Corporation
SX8661Z SEMTECH-SX8661Z Datasheet
1Mb / 87P
Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
logo
Integrated Silicon Solu...
IS31SE5100 ISSI-IS31SE5100 Datasheet
432Kb / 13P
8-CH CAPACITIVE TOUCH SENSOR WITH AUTO CALIBRATION
IS31SE5104 ISSI-IS31SE5104 Datasheet
402Kb / 13P
4-CH CAPACITIVE TOUCH SENSOR WITH AUTO CALIBRATION
logo
Microchip Technology
CAP1296 MICROCHIP-CAP1296 Datasheet
834Kb / 68P
6-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1293 MICROCHIP-CAP1293 Datasheet
591Kb / 63P
3-Channel Capacitive Touch Sensor with Proximity
07/14/15
logo
List of Unclassifed Man...
ANSG08 ETC2-ANSG08 Datasheet
1Mb / 40P
8-Ch Auto Sensitivity Calibration Capacitive Touch Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com