Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8883US/7EA/1 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF8883US/7EA/1
Description  Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883US/7EA/1 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF8883US/7EA/1 Datasheet HTML 8Page - NXP Semiconductors PCF8883US/7EA/1 Datasheet HTML 9Page - NXP Semiconductors PCF8883US/7EA/1 Datasheet HTML 10Page - NXP Semiconductors PCF8883US/7EA/1 Datasheet HTML 11Page - NXP Semiconductors PCF8883US/7EA/1 Datasheet HTML 12Page - NXP Semiconductors PCF8883US/7EA/1 Datasheet HTML 13Page - NXP Semiconductors PCF8883US/7EA/1 Datasheet HTML 14Page - NXP Semiconductors PCF8883US/7EA/1 Datasheet HTML 15Page - NXP Semiconductors PCF8883US/7EA/1 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
PCF8883
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4.1 — 14 September 2016
12 of 35
NXP Semiconductors
PCF8883
Capacitive touch/proximity switch with auto-calibration
12. Dynamic characteristics
13. Characteristic curves
13.1 Power consumption
Table 7.
Dynamic characteristics
VDD = 5 V, CCLIN = 22 pF, CCPC = 470 nF, Tamb = +25 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CCLIN
capacitance on pin CLIN
0
22
100
pF
CCPC
capacitance on pin CPC
X7R ceramic chip capacitor
90
470
2500
nF
Nres(dig)eq equivalent digital resolution
-
14
-
bit
CTYPE
capacitance on pin TYPE
0.1
-
470
nF
Ci
input capacitance
sensing plate and connecting cable
VDD = 5.0 V
10
-
60
pF
Tamb = 40 Cto +85 C;
VDD =3.0 V
10
-
40
pF
tstartup
start-up time
until normal operation is established
-
0.5
-
s
tp
pulse duration
on pin OUT;
in pulse mode;
CTYPE  10 nF
-2.5
-ms/nF
fs
sampling frequency
CCLIN = 0 pF
-3.3
-kHz
CCLIN = 22 pF (typical value)
-
1
-
kHz
CCLIN = 100 pF
-
275
-
Hz
tsw
switching time
at fs = 1 kHz
-
64
-
ms
Idle state; fs =1kHz; Tamb =25 C.
Fig 8.
IDD with respect to VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com