Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSG Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # FSG
Description  Force Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

FSG Datasheet(HTML) 2 Page - Honeywell Accelerometers

  FSG Datasheet HTML 1Page - Honeywell Accelerometers FSG Datasheet HTML 2Page - Honeywell Accelerometers FSG Datasheet HTML 3Page - Honeywell Accelerometers FSG Datasheet HTML 4Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FSG Series
2
sensing.honeywell.com
Table 1. Performance Characteristics (At 10 ±0.01 Vdc, 25 °C [77 °F].)
1
Characteristic
Unit
FSG005WNPB
FSG010WNPB
FSG015WNPB
FSG020WNPB
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Force sensing range
N
0 to 5
0 to 10
0 to 15
0 to 20
Excitation
2
Vdc
3.3
10
12.5
3.3
10
12.5
3.3
10
12.5
3.3
10
12.5
Null offset
3
mV
-30
0
+30
-30
0
+30
-30
0
+30
-30
0
+30
Null shift
4
(25 to 0°, 25 to 50° C)
mV
±0.5
±0.5
±0.5
±0.5
Span
5
mV
310
360
395
310
360
395
310
360
395
310
360
395
Linearity (BFSL)
6
% span
±0.5
±0.5
±0.5
±0.5
Sensitivity
7
mV/V/N
6.6
7.2
7.8
3.3
3.6
3.9
2.2
2.4
2.6
1.65
1.8
1.95
Sensitivity shift
8
(25 °C to 0°, 25 °C to 50 °C)
% span
±5.0
±5.0
±5.0
±5.0
Repeatability
9
% span
±0.2
±0.2
±0.2
±0.2
Response time
(10 %FS to 90 %FS)
ms
0.1
0.5
0.1
0.5
0.1
0.5
0.1
0.5
Input resistance
kΩ
4.0
5.0
6.0
4.0
5.0
6.0
4.0
5.0
6.0
4.0
5.0
6.0
Output resistance
kΩ
4.0
5.0
6.0
4.0
5.0
6.0
4.0
5.0
6.0
4.0
5.0
6.0
Plunger deflection
µm
31
40
51
63
Overforce
10
N
15
30
45
60
Notes:
1. All force-related specifications are established using dead weight or compliant force.
2. The range of voltage excitation which can be supplied to the product to produce an output which is
proportional to force but due to ratiometricity errors may not remain within the specified performance
limits. Non-compensated force sensors, excited by constant current (1.5 mA) instead of voltage, exhibit
partial temperature compensation of span.
3. The output signal obtained when the zero force is applied to the sensor. Also known as "null" or "zero".
4. The change in the null resulting from a change in temperature .It is not a predictable error as it can shift
up and down from unit to unit. Change in temperature causes the entire output curve to shift up or down
along the voltage axis.
5. The algebraic difference between output signals measured at the upper and lower limits of the operating
force range. Also known as "full scale output" or simply "span".
6. The maximum deviation of product output from a straight line fitted to output measured over the operating
force range. The straight line through a set of points which minimizes the sum of the square of the
deviations of each of the points from the straight line.
7. The ratio of output signal change to the corresponding input force change. Sensitivity is determined by
computing the ratio of span to the specified operating force range multiplied by the supply voltage
being used.
8. The maximum deviation in sensitivity due to changes in temperature over the operating temperature
range, relative to sensitivity measured at 25 °C.
9. The maximum difference between output readings when the same force is applied consecutively, under
the same operating conditions, with force approaching from the same direction within the operating
force range.
10. The maximum force which may safely be applied to the product for it to remain in specification once
force is returned to the operating force range. Exposure to higher forces may cause permanent damage
to the product. Unless otherwise specified, this applies to all temperatures within the operating
temperature range.
CAUTION
EXCEEDING PRODUCT
OVERFORCE RATING
 Ensure the overforce
ratings given in Table 1
are not exceeded
during any phase of
sensor assembly to the
board, as well as during
the use of the sensor in
the application.
Failure to comply with
these instructions may
result in product
damage.
Table 2. Environmental Specifications
Characteristic
Parameter
Operating temperature
1
-40 °C to 85 °C [-40 °F to 185 °F]
Shock
qualification tested to 150 g
Vibration
qualification tested to 0 Hz to 2 kHz, 20 g sine
MCTF
2 (Mean Cycles to Failure)
20 million at 25 °C [77 °F]
Output ratiometric
within supply range
Notes:
1. The temperature range over which the product may safely be exposed without excitation or force applied. Under these conditions the
product will remain in specification after excursion to any temperatures in this range. Exposure to temperatures beyond this range may cause
permanent damage to the product.
2. MCTF is a basic measure of reliability for a non-repairable device. It is the mean number of cycles to maximum operating force over which
a sensor can be expected to operate until failure. The mean value is determined statistically from a probability distribution for failures
based upon test data. MCTF may vary depending on the specific application in which a sensor is utilized.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com