Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSIP-04V-R-C Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # PSIP-04V-R-C
Description  4.0mm pitch/Disconnectable Crimp style connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PSIP-04V-R-C Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  PSIP-04V-R-C Datasheet HTML 1Page - JST Mfg. Co., Ltd. PSIP-04V-R-C Datasheet HTML 2Page - JST Mfg. Co., Ltd. PSIP-04V-R-C Datasheet HTML 3Page - JST Mfg. Co., Ltd. PSIP-04V-R-C Datasheet HTML 4Page - JST Mfg. Co., Ltd. PSIP-04V-R-C Datasheet HTML 5Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications –––––––––––––––––––
• Current rating: 12 A AC, DC (Refer to the following table.)
• Voltage rating: 300 V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 10 m
Ω max.
After environmental tests/ 20 m
Ω max.
• Insulation resistance: 1,000 M
Ω min.
• Withstanding voltage: 1,500 VAC/minute
• Applicable wire: AWG #26 to #16
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
* Compliant with RoHS.
Note: The current rating differs depending on the number of circuits and the wire
size used in each connector. The table below lists the current rating as a
function of the number of circuits and the wire size.
Note: Do not branch in parallel current which exceeds the rated current (e.g. more than
12 A in the case of 2 circuits with AWG #12). If branched in parallel, current
imbalance or other problems may develop. If it is absolutely necessary to branch
such a large current in parallel, design the circuits without causing any imbalance
and provide an extra margin for each circuit.
Standards ––––––––––––––––––––––
0 Recognized E 60389
1CertifiedLR20812
2R50259465
Wire-to-wire type
Side entry type
Single type
Double type
Top entry type
1
PSI CONNECTOR
4.0mm pitch/Disconnectable Crimp style connectors
This PSI connector is designed for wire-to-
board and wire-to-wire 4.0mm pitch
connector. Low insertion force type contact
is adopted and it provides excellent
operability. This connector has the secure
locking device that has the mechanism for
preventing the inverse insertion. By
adopting key shape and multi colors of
housing, prevention function of mis-mating
is considered.
• Secure locking structure
• Mis-mating prevention mechanism by keying
(2 to 4 circuits/3 kinds of keying)
• Finger-friendly design
• Large electric current was realized.
# 16
# 18
# 20
# 22
# 24
# 26
Wire size (AWG)
Circuits
Current unit:A
2
3
4, 5, 6, 8
10, 12
14
10
9
8
7
7
12
11
10
9
9
8
7
6
6
6
5
5
5
5
4.5
4
4
4
4
4
3
3
3
3
3


Similar Part No. - PSIP-04V-R-C

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
PSIP-03V-K-D JST-PSIP-03V-K-D Datasheet
104Kb / 3P
8.0mm pitch (Pin-omitted)/Disconnectable Crimp style connectors
More results

Similar Description - PSIP-04V-R-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
Disconnectable Crimp style connectors
S4B-PH-SM4-TB ETC2-S4B-PH-SM4-TB Datasheet
302Kb / 3P
Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com