Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIS5112D1R2G. Datasheet(PDF) 2 Page - ON Semiconductor

Part # NIS5112D1R2G.
Description  Electronic Fuse
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS5112D1R2G. Datasheet(HTML) 2 Page - ON Semiconductor

  NIS5112D1R2G. Datasheet HTML 1Page - ON Semiconductor NIS5112D1R2G. Datasheet HTML 2Page - ON Semiconductor NIS5112D1R2G. Datasheet HTML 3Page - ON Semiconductor NIS5112D1R2G. Datasheet HTML 4Page - ON Semiconductor NIS5112D1R2G. Datasheet HTML 5Page - ON Semiconductor NIS5112D1R2G. Datasheet HTML 6Page - ON Semiconductor NIS5112D1R2G. Datasheet HTML 7Page - ON Semiconductor NIS5112D1R2G. Datasheet HTML 8Page - ON Semiconductor NIS5112D1R2G. Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NIS5112
www.onsemi.com
2
Table 1. FUNCTIONAL PIN DESCRIPTION
Pin
Function
Description
3
Enable/Timer
A high level signal on this pin allows the device to begin operation. Connection of a capacitor will delay
turn on for timing purposes. A low input signal inhibits the operation.
1
Ground
Negative input voltage to the device. This is used as the internal reference for the IC.
4
ILimit
A resistor between this pin and the source pin sets the current limit level.
5,6,7
Source
Source of power FET, which is also the switching node for the load.
2
dV/dt
A capacitor from this pin to ground programs the slew rate of the output at turn on. This capacitor is
discharged by an internal discharge circuit when the device is disabled via the enable pin.
8
VCC
Positive input voltage to the device.
Table 2. MAXIMUM RATINGS (Maximum ratings are those, that, if exceeded, may cause damage to the device. Electrical
characteristics are not guaranteed over this range)
Rating
Symbol
Value
Unit
Input Voltage, Operating,
Steady−State (Input+ to Input−)
Transient (Conditions 1 ms)
Vin
−0.3 to 18
−0.3 to 25
V
Drain Voltage, Operating,
Steady−State (Drain to Input−)
Transient (Conditions 1 ms)
VDD
−0.3 to 18
−0.3 to 25
V
Drain Current, Peak (Internally Clamped)
IDpk
25
A
Drain Current, Continuous (TA=25°C), (Note 2)
IDavg
5.3
A
Thermal Resistance, Junction−to−Air
0.5 in2 Copper
1.0 in2 Copper
QJA
120
110
°C/W
°C/W
Thermal Resistance, Junction−to−Lead (Pin 8)
QJL
27
°C/W
Power Dissipation (TA = 25°C) (Note 1)
Pmax
1.0
W
Operating Temperature Range (Note 2)
TJ
−40 to 175
°C
Nonoperating Temperature Range
TJ
−55 to 175
°C
Lead Temperature, Soldering (10 Sec)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Mounted on FR−4 board, 1 in sq pad, 1 oz coverage.
2. Actual maximum junction temperature is limited by an internal protection circuit and will not reach the absolute maximum temperature as
specified.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com