Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1PS Datasheet(PDF) 1 Page - APEM Components, Inc.

Part # 1PS
Description  5E/5G 1PS/1QS/1RS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIMEC [APEM Components, Inc.]
Direct Link  https://www.apem.com/idec-apem/en_IN
Logo MULTIMEC - APEM Components, Inc.

1PS Datasheet(HTML) 1 Page - APEM Components, Inc.

  1PS Datasheet HTML 1Page - APEM Components, Inc. 1PS Datasheet HTML 2Page - APEM Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.mec.dk
1PS /1QS /1RS
The new caps for the Multimec switches 1PS /
1QS / 1RS is optimized with a “snap on” system
to ensure the cap to stay on the switch actuator
even under heavy vibrations or similar
scenarios.
-
The 1PS cap is a solid cap which can be
supplied in different colours
-
The 1QS cap is a solid cap like 1PS, but with
a rectangular lens for intensive or smooth
illumination
-
The 1RS cap is a solid cap like 1PS, but with
a round lens for intensive or smooth
illumination
Distributor:


Similar Part No. - 1PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS10SB62 PHILIPS-1PS10SB62 Datasheet
49Kb / 8P
Schottky barrier diode
2003 May 15
1PS10SB63 PHILIPS-1PS10SB63 Datasheet
52Kb / 7P
Schottky barrier diode
2003 Aug 20
1PS10SB82 PHILIPS-1PS10SB82 Datasheet
52Kb / 7P
Schottky barrier diode
2003 Aug 20
1PS10SB82 NXP-1PS10SB82 Datasheet
99Kb / 7P
Schottky barrier diode
2003 Aug 20
1PS10SB82 NXP-1PS10SB82 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results

Similar Description - 1PS

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
433-24.0M-5DC-TNC OSCILENT-433-24.0M-5DC-TNC Datasheet
134Kb / 2P
7 x 5 SMD Ceramic Ultra Low Jitter 1pS
433 OSCILENT-433 Datasheet
134Kb / 2P
Ultra Low Jitter 1pS
logo
IXYS Corporation
PDG-3900 IXYS-PDG-3900 Datasheet
601Kb / 3P
1ps delay adjustability
logo
IQD Frequency Products ...
IQXO-87 IQD-IQXO-87 Datasheet
194Kb / 3P
1ps integrated RMS phase jitter (12kHz to 20MHz)
logo
Pulse A Technitrol Comp...
W3920B0050 PULSE-W3920B0050 Datasheet
1Mb / 11P
5G FPC ANTENNA
logo
Hubbell Incorporated.
NSJ5EB24 HUBBELL-NSJ5EB24 Datasheet
383Kb / 1P
Category 5e Jack
logo
Qorvo, Inc
QM75041 QORVO-QM75041 Datasheet
1Mb / 25P
5G PAMiD Module
logo
Suzhou Maswell Communic...
AN_MASTER_003 MASWELL-AN_MASTER_003 Datasheet
430Kb / 3P
5G Antenna
logo
AVX Corporation
9003034F0 AVX-9003034F0 Datasheet
1Mb / 6P
LTE 5G FPC Antenna
6/29/2022
logo
VITALCONN ELECTRONICS H...
J24WD1GD4DLB6 VITALCONN-J24WD1GD4DLB6 Datasheet
526Kb / 5P
RJ45 2X4 5G POE
REV: A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com