Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGG Datasheet(PDF) 16 Page - LEMO Connectors

Part # FGG
Description  T SERIES IP 68 PUSH-PULL CONNECTORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

FGG Datasheet(HTML) 16 Page - LEMO Connectors

Back Button FGG Datasheet HTML 12Page - LEMO Connectors FGG Datasheet HTML 13Page - LEMO Connectors FGG Datasheet HTML 14Page - LEMO Connectors FGG Datasheet HTML 15Page - LEMO Connectors FGG Datasheet HTML 16Page - LEMO Connectors FGG Datasheet HTML 17Page - LEMO Connectors FGG Datasheet HTML 18Page - LEMO Connectors FGG Datasheet HTML 19Page - LEMO Connectors FGG Datasheet HTML 20Page - LEMO Connectors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
14
www.lemo.com
®
®
DISCLAIMER The information contained within this catalog and the functions offered are intended to provide information about products. All reasonable efforts have been made to ensure the accuracy of the
information. However, LEMO cannot be held responsible for any errors. LEMO does not warrant the accuracy and reserves the right to make changes to the catalog and its functions at any time without notice.
Accessories
L
B
sliding loop
BFG
Blanking caps for plugs
7.0
4.0
9.0
60
9.5
5.0
11.0
85
12.0
6.0
12.4
85
15.0
6.0
13.8
85
18.8
6.0
17.6
120
Dimensions (mm)
A
B
L
N
ø 3.5
L
B
BHG Blanking caps for fixed plugs
● Body material: Chrome-plated brass (Ni 3 µm)
● Lanyard material: Stainless steel
● Crimp ferrule material: Nickel-plated brass + polyolefin
● O-ring material: Silicone
● Maximum operating temperature: 135°C
● Watertightness: IP68 according to IEC 60529
BFG.TT.100.CAS
BFG.0T.100.CAS
BFG.1T.100.CAS
BFG.2T.100.CAS
BFG.3T.100.CAS
Part number
BHG.TT.100.CAS
BHG.0T.100.CAS
BHG.1T.100.CAS
BHG.2T.100.CAS
BHG.3T.100.CAS
Part number
ø 3.5
L
M
B
BRE
Blanking caps for sockets
L
M
B
sliding loop
BRF
Blanking caps for free sockets
7.0
6.5
10.5
2.5
60
9.5
7.7
12.7
2.7
85
12.0
9.5
14.4
3.5
85
15.0 10.4
16.3
4.4
85
18.8 11.4
20.2
5.4
120
Dimensions (mm)
A
B
L
M
N
● Body material: Chrome-plated brass (Ni 3 µm)
● Lanyard material: Stainless steel
● Crimp ferrule material: Nickel-plated brass + polyolefin
● Maximum operating temperature: 135°C
● Watertightness: IP68 according to IEC 60529
BRF.TT.200.CAZ
BRF.0T.200.CAZ
BRF.1T.200.CAZ
BRF.2T.200.CAZ
BRF.3T.200.CAZ
Part number
BRE.TT.200.CAZ
BRE.0T.200.CAZ
BRE.1T.200.CAZ
BRE.2T.200.CAZ
BRE.3T.200.CAZ
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com