Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS07DBRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LS07DBRG4
Description  SN74LS07 Hex Buffers and Drivers With Open-Collector High-Voltage Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LS07DBRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LS07DBRG4 Datasheet HTML 4Page - Texas Instruments SN74LS07DBRG4 Datasheet HTML 5Page - Texas Instruments SN74LS07DBRG4 Datasheet HTML 6Page - Texas Instruments SN74LS07DBRG4 Datasheet HTML 7Page - Texas Instruments SN74LS07DBRG4 Datasheet HTML 8Page - Texas Instruments SN74LS07DBRG4 Datasheet HTML 9Page - Texas Instruments SN74LS07DBRG4 Datasheet HTML 10Page - Texas Instruments SN74LS07DBRG4 Datasheet HTML 11Page - Texas Instruments SN74LS07DBRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
SN74LS07
SN74LS07
SN74LS07
Copyright © 2016, Texas Instruments Incorporated
8
SN74LS07
SDLS021D – MAY 1990 – REVISED APRIL 2016
www.ti.com
Product Folder Links: SN74LS07
Submit Documentation Feedback
Copyright © 1990–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74LS07 device is a high-drive, open-drain CMOS device that can be used for a multitude of buffer-type
functions. It can produce 40 mA of drive current at 5 V. Therefore, this device is ideal for driving multiple inputs.
The inputs are 5.25-V tolerant and outputs are 30-V tolerant.
9.2 Typical Application
Multiple channels of the SN74LS07 device can be used to create a positive AND logic function, as shown in
Figure 4. Additionally, the SN74LS07 device can be used to drive an LED by sinking up to 40 mA, which may be
more than the previous stage can sink.
Figure 4. Typical Application Diagram
9.2.1 Design Requirements
Ensure that the inputs are in a known state as defined by VIH and VIL noted in Recommended Operating
Conditions, or else the outputs may be in an unknown state.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions
–
For specified high and low level, see VIH and VIL in Recommended Operating Conditions.
–
Inputs are overvoltage tolerant allowing them to go as high as 5.25 V.
2. Recommend Output Conditions
–
Load currents must not exceed 40 mA per output.
–
Outputs must not be pulled above 30 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com