Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS07DRE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LS07DRE4
Description  SN74LS07 Hex Buffers and Drivers With Open-Collector High-Voltage Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LS07DRE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LS07DRE4 Datasheet HTML 3Page - Texas Instruments SN74LS07DRE4 Datasheet HTML 4Page - Texas Instruments SN74LS07DRE4 Datasheet HTML 5Page - Texas Instruments SN74LS07DRE4 Datasheet HTML 6Page - Texas Instruments SN74LS07DRE4 Datasheet HTML 7Page - Texas Instruments SN74LS07DRE4 Datasheet HTML 8Page - Texas Instruments SN74LS07DRE4 Datasheet HTML 9Page - Texas Instruments SN74LS07DRE4 Datasheet HTML 10Page - Texas Instruments SN74LS07DRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
A
Y
Copyright © 2016 Texas Instruments Incorporated
Input
VCC
Output
GND
9 k
Ω
1 k
Ω
2 k
Ω
2 k
Ω
5 k
Ω
Copyright © 2016, Texas Instruments Incorporated
7
SN74LS07
www.ti.com
SDLS021D – MAY 1990 – REVISED APRIL 2016
Product Folder Links: SN74LS07
Submit Documentation Feedback
Copyright © 1990–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The outputs of the SN74LS07 device are open-collector and can be connected to other open-collector outputs to
implement active-low wired-OR or active-high wired-AND functions. The maximum sink current for the SN74LS07
is 40 mA.
Inputs can be driven from 2.5-V, 3.3-V (LVTTL), or 5-V (CMOS) devices. This feature allows the use of this
device as translators in a mixed-system environment.
Resistor values shown are nominal.
Figure 3. Schematic (Gate)
8.2 Functional Block Diagram
8.3 Feature Description
•
Allows for up translation
–
Inputs accept voltages to 5.25 V
–
Outputs accept voltages to 30 V
•
High Sink-Current Capability
–
Up to 40 mA
8.4 Device Functional Modes
Table 1 lists the functions of this device.
Table 1. Function Table
INPUT A
OUTPUT Y
H
Hi-Z
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com