Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

403-MFS-P2-T5 Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # 403-MFS-P2-T5
Description  Standard, Hard Seat
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

403-MFS-P2-T5 Datasheet(HTML) 2 Page - NOSHOK, INC.

  403-MFS-P2-T5 Datasheet HTML 1Page - NOSHOK, INC. 403-MFS-P2-T5 Datasheet HTML 2Page - NOSHOK, INC. 403-MFS-P2-T5 Datasheet HTML 3Page - NOSHOK, INC. 403-MFS-P2-T5 Datasheet HTML 4Page - NOSHOK, INC. 403-MFS-P2-T5 Datasheet HTML 5Page - NOSHOK, INC. 403-MFS-P2-T5 Datasheet HTML 6Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
31
400
Series......................... 400 hard seat
Connection size................1/2" NPT
Valve type......Female-female, Steel
404 – FFC
EXAMPLE
To meet all of your specific application requirements, the following additional options are available for these needle valves. To order all or any of these
options, simply add them to the part number as shown in the diagram below.
NOTE 1: The example shown includes ALL possible additional options. Please include ONLY the options required for your application when
building your part number. (EXAMPLE: 404-FFC-PM2)
NOTE 2: When a packing option is selected, an o-ring option is NOT available.
NOTE 3: Packing options are NOT available on 3/4” NPT through 1-1/2” NPT valves.
Series...............................................................400 hard seat
Connection size..................................................... 1/2" NPT
Valve type............................................Female-female, Steel
Packing.........................................................................PTFE
Stem tip .............................................................Non-rotating
Panel mount........................................ Panel mount (2 nuts)
Handle ...........................................................1-3/4" Phenolic
404 – FFC – P1 – T1 – PM2 – HL5
EXAMPLE with Additional Options
The standard o-ring in all the NOSHOK valves is FKM and the standard handles are “T” handles (HL2).
The handle material will always match the material of the valve, unless otherwise specified. For example, the “T” handle (HL2) on the 404-FFC will be
Steel. When only the standard configuration is needed, no additional designations are necessary. Please consult the factory for special
application requests.
† For 1/4", 3/8" and 1/2" NPT only. If a packing option is chosen, maximum pressure rating is 6,000 psi. Refer to the "Pressure vs. Temperature:
Packing Style with Compatible Fluid" chart at the back of this catalog.
* Other o-ring materials available on request.
** For 3/4" NPT to 1-1/2" NPT only.
ORDERING
INFORMATION
400
400 SERIES
ORDERING INFORMATION - ADDITIONAL OPTIONS
PACKINGS†
P1 PTFE
P2 Graphite
STEM TIPS
T1 Non-rotating (316 Stainless)
T6 Ball (carbide)
T8 Ball (Monel)
T5 Ball (440C Stainless)
T7 Ball (ceramic)
T9 Non-rotating regulating (316 Stainless)
O-RINGS*
EM1 EPDM
KZ1 FFKM (Kalrez® 3018 or equivalent)
NB1 NBR
PANEL MOUNTINGS
PM1 Panel mount (1 nut)
PM2 Panel mount (2 nuts)
HANDLES
HL4 1-3/8" Phenolic
HL5 1-3/4" Phenolic
HL9 2-3/8" Phenolic**
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
SERIES
4 400 Series, hard seat
CONNECTION SIZES
02 1/4" NPT
06 3/4" NPT
12 1-1/2" NPT
03 3/8" NPT
08 1" NPT
42 7/16"-20 UNF (#4 SAE, J1926)
04 1/2" NPT
10 1-1/4" NPT
VALVE TYPES
MFC Male-Female, Steel
MFS Male-Female, Stainless Steel
FFC Female-Female, Steel
FFS Female-Female, Stainless Steel
MFAC Male-Female Angle, Steel
MFAS Male-Female Angle, Stainless Steel
FFAC Female-Female Angle, Steel
FFAS Female-Female Angle, Stainless Steel
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com