Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

239 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 239
Description  Full sized breadboard
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

239 Datasheet(HTML) 1 Page - Adafruit Industries

  239 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Full sized breadboard
PRODUCT ID: 239
Description
This is a 'full-size' breadboard, 830 tie points. Good for small and medium projects. It's 2.2" x 7" (5.5 cm x
17 cm) with a standard double-strip in the middle and two power rails on both sides. You can pull the
power rails off easily to make the breadboard as thin as 1.4" (3.5cm). You can also "snap" these
breadboards together either way to make longer and/or wider breadboards. The back is made of foam
double-sided tape, if you remove the protective paper you can attach it to a flat clean surface.
Technical Details
Details:
o
Dimensions: 2.2" x 7" x 0.4" (5.5 cm x 17 cm x 1cm)
o
Weight: 83.7g / 3oz
                                Engineered in NYC Adafruit ® https://www.adafruit.com/product/239 5‐5‐17 


Similar Part No. - 239

ManufacturerPart #DatasheetDescription
logo
Littelfuse
239 LITTELFUSE-239 Datasheet
162Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
logo
WAGO Kontakttechnik Gmb...
239 WAGO-239 Datasheet
1Mb / 1P
Modular Terminal Blocks with Screw-Clamp Connection,Pin Spacing 10 mm / 0.394 in; Series 239
logo
France Joint
239 FRANCEJOINT-239 Datasheet
336Kb / 2P
ROD SEALS
logo
Walther-Werke
239 WALTHER-239 Datasheet
1Mb / 2P
Plugs IP 44 and IP 67
logo
Littelfuse
239 LITTELFUSE-239 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results

Similar Description - 239

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX10460 AXIOMTEK-AX10460 Datasheet
211Kb / 1P
PC/104 breadboard
logo
Carling Technologies
LTILA51-6M-BL-RC-MBL-12V CARLINGTECH-LTILA51-6M-BL-RC-MBL-12V Datasheet
737Kb / 8P
Full Sized Rocker Switches
TIGA51-6M-BL-MBL CARLINGTECH-TIGA51-6M-BL-MBL Datasheet
737Kb / 8P
Full sized rocker swithces
logo
SparkFun Electronics
DEV-11235 SPARKFUN-DEV-11235 Datasheet
94Kb / 1P
Arduino and Breadboard Holder
5??6??7
PRT-08376 SPARKFUN-PRT-08376 Datasheet
172Kb / 2P
SparkFun Breadboard Power Supply USB -
8/5/2016
PRT-12044 SPARKFUN-PRT-12044 Datasheet
105Kb / 1P
Breadboard ??Mini Modular (Red)
5??6??7
PRT-12045 SPARKFUN-PRT-12045 Datasheet
111Kb / 1P
Breadboard ??Mini Modular (Blue)
5??6??7
PRT-12046 SPARKFUN-PRT-12046 Datasheet
101Kb / 1P
Breadboard ??Mini Modular (Green)
5??6??7
PRT-12047 SPARKFUN-PRT-12047 Datasheet
107Kb / 1P
Breadboard ??Mini Modular (Black)
5??6??7
PRT-12070 SPARKFUN-PRT-12070 Datasheet
100Kb / 1P
SparkFun Solder-able Breadboard
4/16/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com