Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

334 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 334
Description  Touch screen breakout board (0.5mm FPC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

334 Datasheet(HTML) 2 Page - Adafruit Industries

  334 Datasheet HTML 1Page - Adafruit Industries 334 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
-
DESCRIPTION
If you've got a resistive touch screen that you'd like to use, you'll need this breakout! It has a fine pitch (0.5mm)
connector soldered onto it and it's broken out into the 4 resistive wires of the panel.
A petite 0.5"x0.5" (12.5mm x 12.5mm) with two mounting holes as well, that you can use for strain relief. Works
perfectly with our 3.2" touch screen (//www.adafruit.com/product/333)
We don't have a detailed tutorial yet but we do have great example Arduino library code that shows how to get
readings, debounce, and read the pressure from any touch screen (so you can detect when its being touched and
how hard) (https://github.com/adafruit/Touch-Screen-Library) The code is not complex and is easily ported to
other microcontrollers.
MAY WE ALSO SUGGEST...
Resistive Touch Screen Controller -
(https://verify.authorize.net/anetseal/?
pid=1de2c247-f7e6-
492b-99d8-
fb648be79ff1&rurl=http%
3A//www.adafruit.com/product/334)
Online Payments
(http://www.authorize.net/)
10/23/2014
http://www.adafruit.com/product/334



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com