Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

443 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 443
Description  Large Solderless Breadboard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

443 Datasheet(HTML) 2 Page - Adafruit Industries

  443 Datasheet HTML 1Page - Adafruit Industries 443 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Please note, the binding posts for these breadboards are a little smaller than the D-cuts in
the metal place, so while they can be screwed into place they 'rotate'
Technical Details
Note: As of Thursday, October 22nd 2015, we are selling the updated version of this
product. Drill holes are now 7.9mm in diameter and spaced 17mm apart.
Dimensions:
o
Breadboard: 175mm x 145mm / 6.9" x 5.7" 
o
Metal Plate: 221mm x 183mm / 8.7" x 7.2" 
o
Height (with Breadboard & Metal Plate): 10mm / 0.4" 
o
Binding Posts Spacing: 19mm / 0.75 
                                                                      Engineered in NYC Adafruit ® 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com