Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # S3A
Description  CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

S3A Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  S3A Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. S3A Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
100
70
60
140
150
130
80
50
90
110
120
RESISTIVE OR INDUCTIVE LOAD
P.C.B.MOUNTED ON
0.3X0.3"(8.0X8.0MM)
COPPER PAD AREAS
0
0.5
1.0
1.5
3.5
3.0
2.5
2.0
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
100
0
20
80
60
40
0.1
1.0
100
10
TJ=25℃
TJ=125℃
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE.VOLTS
10
100
10
1
100
TJ=25℃
f=1.0MHz
Vsig=50mVp-p
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
1.3
0.6
0.8
1.2
1.0
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
TJ=25℃
PULSE WIDTH=300
mS
1% DUTY CYCLE
0.01
0.1
10
1
100
FIG.3-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
10
1
100
NUMBER OF CYCLES AT 60Hz
100
10
200
TL=25℃
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
10
0.01
0.1
100
1
100
0.1
10
1
t,PULSE DURATION,sec
RATINGS AND CHARACTERISTIC CURVES S3A THRU S3M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com