Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0899310 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0899310
Description  E PX A 120X122X91 - Empty enclosure
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0899310 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0899310 Datasheet HTML 1Page - PHOENIX CONTACT 0899310 Datasheet HTML 2Page - PHOENIX CONTACT 0899310 Datasheet HTML 3Page - PHOENIX CONTACT 0899310 Datasheet HTML 4Page - PHOENIX CONTACT 0899310 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Notes
General
Prepared for direct installation of a DIN rail
Product properties
Product type
Terminal box
Type
Ex empty enclosure with cover
Insulation characteristics
Protection class
II
Dimensions
Dimensional drawing
Width
120 mm
Height
122 mm
Depth
91 mm
Clearance width, maximum DIN rail length
107 mm
max. assembly length
85 mm
Material specifications
Color
black
Material
Glass-fiber-reinforced polyester with added graphite
Flammability rating according to UL 94
V0
Seal material
Silicon
Components
halogen-free
Mechanical properties
General
Type of locking (GRP)
Screw-on cover Plus/minus screw
Environmental and real-life conditions
Degree of protection (IP code)
Degree of protection
IP66
Ambient conditions
Ambient temperature (operation)
-55 °C ... 127 °C
Mounting
External fixing clips available as an option
Assembly note
E PX A 120X122X91 - Empty enclosure
0899310
https://www.phoenixcontact.com/us/products/0899310
Aug 25, 2025, 5:39AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com