Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0899313 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0899313
Description  E PX A 160X260X91 - Empty enclosure
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0899313 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0899313 Datasheet HTML 1Page - PHOENIX CONTACT 0899313 Datasheet HTML 2Page - PHOENIX CONTACT 0899313 Datasheet HTML 3Page - PHOENIX CONTACT 0899313 Datasheet HTML 4Page - PHOENIX CONTACT 0899313 Datasheet HTML 5Page - PHOENIX CONTACT 0899313 Datasheet HTML 6Page - PHOENIX CONTACT 0899313 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Empty enclosure, material: Glass-fiber-reinforced polyester with added graphite, black, 160 mm
x 260 mm x 91 mm, type of locking: Screw-on cover
Commercial data
Item number
0899313
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BH91
Product key
BH9142
GTIN
4055626275826
Weight per piece (including packing)
1,728 g
Weight per piece (excluding packing)
99.99 g
Customs tariff number
85389099
Country of origin
IN
E PX A 160X260X91 - Empty enclosure
0899313
https://www.phoenixcontact.com/us/products/0899313
Aug 25, 2025, 5:38AM
Page 1 (7)


Similar Part No. - 0899313

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0899310 PHOENIX-0899310 Datasheet
316Kb / 5P
E PX A 120X122X91 - Empty enclosure
0899311 PHOENIX-0899311 Datasheet
316Kb / 5P
E PX A 120X220X91 - Empty enclosure
0899312 PHOENIX-0899312 Datasheet
327Kb / 7P
E PX A 160X160X91 - Empty enclosure
0899314 PHOENIX-0899314 Datasheet
325Kb / 7P
E PX A 160X360X91 - Empty enclosure
0899315 PHOENIX-0899315 Datasheet
335Kb / 8P
E PX A 160X560X91 - Empty enclosure
More results

Similar Description - 0899313

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AB939-R ASSMANN-AB939-R Datasheet
61Kb / 1P
RS232 Empty Housing
logo
PHOENIX CONTACT
2702228 PHOENIX-2702228 Datasheet
116Kb / 6P
LED enclosure light - PLD E 608 W 315/E
logo
Weidmuller
0573300000 WEIDMULLER-0573300000 Datasheet
430Kb / 8P
Klippon K (aluminium empty enclosure) Empty enclosure Aluminium enclosure
September 13, 2021
logo
Schneider Electric
XAPE901 SCHNEIDER-XAPE901 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 10, 2022
XAPE905 SCHNEIDER-XAPE905 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 10, 2022
XAPA1101 SCHNEIDER-XAPA1101 Datasheet
109Kb / 2P
empty control station - XAP-A - plastic - 1 opening
Feb 25, 2022
XAPE902 SCHNEIDER-XAPE902 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 25, 2022
XAPE903 SCHNEIDER-XAPE903 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 25, 2022
XAPE904 SCHNEIDER-XAPE904 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 25, 2022
logo
PHOENIX CONTACT
1319565 PHOENIX-1319565 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 E
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com