Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

375LP3E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 375LP3E
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

375LP3E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  375LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 375LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 375LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 375LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 375LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 375LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5
5 - 118
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC375LP3 / 375LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 1.7 - 2.2 GHz
v01.0604
General Description
Features
Functional Diagram
The HMC375LP3 & HMC375LP3E high dynamic
range GaAs PHEMT MMIC Low Noise Amplifiers are
ideal for GSM & CDMA cellular basestation front-end
receivers operating between 1.7 and 2.2 GHz. This
LNA has been optimized to provide 0.9 dB noise
figure, 17 dB gain and +33 dBm output IP3 from a
single supply of +5.0V @ 136mA. Input and output
return losses are 14 dB typical with the LNA requiring
minimal external components to optimize the RF input
match, RF ground and DC bias. The HMC375LP3
& HMC375LP3E share the same package with the
HMC356LP3 and HMC372LP3 high IP3 LNAs. A
low cost, leadless 3x3 mm (LP3) SMT QFN package
houses the low noise amplifier.
Noise Figure: 0.9 dB
+34 dBm Output IP3
Gain: 17 dB
Very Stable Gain vs. Supply & Temperature
Single Supply: +5.0 V @ 136 mA
50 Ohm Matched Output
Electrical Specifications, T
A = +25° C, Vs = +5V
Typical Applications
The HMC375LP3 / HMC375LP3E is ideal for
basestation receivers:
• GSM, GPRS & EDGE
• CDMA & W-CDMA
• DECT
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
1.8 - 1.9
1.9 - 2.0
2.0 - 2.1
2.1 - 2.2
GHz
Gain
16.5
18.5
15.5
17.5
15
17
13
15
dB
Gain Variation Over Temperature
0.014
0.021
0.014
0.021
0.014
0.021
0.014
0.021
dB/°C
Noise Figure
1.0
1.35
0.95
1.2
0.9
1.2
0.9
1.3
dB
Input Return Loss
12
13
14
15
dB
Output Return Loss
13
16
11
8
dB
Reverse Isolation
35
34
34
34
dB
Output Power for
1dB Compression (P1dB)
16
18.5
16
18.5
15
18
14.5
17.5
dBm
Saturated Output Power (Psat)
19.5
19.5
19.5
19.5
dBm
Output Third Order Intercept (IP3)
(-20 dBm Input Power per tone,
1 MHz tone spacing)
34
33.5
33
32.5
dBm
Supply Current (Idd)
136
136
136
136
mA


Similar Part No. - 375LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
375LP3E HITTITE-375LP3E Datasheet
218Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
More results

Similar Description - 375LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC375LP3 HITTITE-HMC375LP3 Datasheet
239Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC382LP3 HITTITE-HMC382LP3 Datasheet
292Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC618LP3 HITTITE-HMC618LP3 Datasheet
326Kb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC818LP4E HITTITE-HMC818LP4E Datasheet
463Kb / 10P
GaAs SMT PHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3_10 Datasheet
218Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC382LP3 HITTITE-HMC382LP3_10 Datasheet
214Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC618LP3 HITTITE-HMC618LP3_11 Datasheet
1Mb / 14P
GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
HMC818LP4E HITTITE-HMC818LP4E_10 Datasheet
1Mb / 10P
GaAs SMT pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC618ALP3E HITTITE-HMC618ALP3E Datasheet
1Mb / 16P
GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
logo
Analog Devices
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com