Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0899331 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0899331
Description  C PX A 200X200X168 - Empty enclosure
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0899331 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0899331 Datasheet HTML 1Page - PHOENIX CONTACT 0899331 Datasheet HTML 2Page - PHOENIX CONTACT 0899331 Datasheet HTML 3Page - PHOENIX CONTACT 0899331 Datasheet HTML 4Page - PHOENIX CONTACT 0899331 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Empty enclosure, material: Glass-fiber-reinforced polyester with added graphite, black, 200 mm
x 200 mm x 171 mm, type of locking: Door, scope of supply - ATD: Door hinge with 8 mm square
lock, Door hinge with 8 mm square lock
Commercial data
Item number
0899331
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BH91
Product key
BH9142
GTIN
4055626276007
Weight per piece (including packing)
1,870 g
Weight per piece (excluding packing)
99.99 g
Customs tariff number
85389099
Country of origin
HU
C PX A 200X200X168 - Empty enclosure
0899331
https://www.phoenixcontact.com/us/products/0899331
Aug 25, 2025, 5:39AM
Page 1 (5)


Similar Part No. - 0899331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0899330 PHOENIX-0899330 Datasheet
340Kb / 5P
O PX A 200X200X125 - Empty enclosure
0899332 PHOENIX-0899332 Datasheet
334Kb / 5P
C PX A 200X300X168 - Empty enclosure
0899333 PHOENIX-0899333 Datasheet
334Kb / 5P
C PX A 405X305X202 - Empty enclosure
0899334 PHOENIX-0899334 Datasheet
338Kb / 5P
C PX A 605X405X252 - Empty enclosure
0899335 PHOENIX-0899335 Datasheet
308Kb / 4P
E PE A 55X55X37 - Empty enclosure
More results

Similar Description - 0899331

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67206H ATMEL-M67206H_14 Datasheet
69Kb / 4P
Empty Flag Parasitic Pulse
logo
Assmann Electronics Inc...
AB939-R ASSMANN-AB939-R Datasheet
61Kb / 1P
RS232 Empty Housing
logo
Greenliant systems
G31U480R GREENLIANT-G31U480R Datasheet
146Kb / 5P
SATA 2.5 Enterprise SSD PX Series
GLS93SPXXXG3 GREENLIANT-GLS93SPXXXG3 Datasheet
135Kb / 8P
Industrial Temp SD / microSD ArmourDrive PX Series
GLS91CP064G3 GREENLIANT-GLS91CP064G3 Datasheet
119Kb / 6P
Industrial Temp CFast ArmourDrive PX Series
logo
Weidmuller
0573300000 WEIDMULLER-0573300000 Datasheet
430Kb / 8P
Klippon K (aluminium empty enclosure) Empty enclosure Aluminium enclosure
September 13, 2021
logo
Schneider Electric
XAPL4 SCHNEIDER-XAPL4 Datasheet
111Kb / 2P
empty control station - XAP-L - plastic - 10 A - 600VAC
Feb 10, 2022
XACA06H7 SCHNEIDER-XACA06H7 Datasheet
89Kb / 3P
empty pendant control station XAC-A - 6 vertical openings
Aug 17, 2019
XACA08H7 SCHNEIDER-XACA08H7 Datasheet
87Kb / 3P
empty pendant control station XAC-A - 8 vertical openings
Aug 15, 2019
XAPA1101 SCHNEIDER-XAPA1101 Datasheet
109Kb / 2P
empty control station - XAP-A - plastic - 1 opening
Feb 25, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com