Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0899337 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0899337
Description  E PE A 75X80X56 - Empty enclosure
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0899337 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0899337 Datasheet HTML 1Page - PHOENIX CONTACT 0899337 Datasheet HTML 2Page - PHOENIX CONTACT 0899337 Datasheet HTML 3Page - PHOENIX CONTACT 0899337 Datasheet HTML 4Page - PHOENIX CONTACT 0899337 Datasheet HTML 5Page - PHOENIX CONTACT 0899337 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Notes
General
Prepared for direct installation of a DIN rail
Product properties
Product type
Terminal box
Type
Empty enclosure with cover
Insulation characteristics
Protection class
II
Dimensions
Dimensional drawing
Width
75 mm
Height
80 mm
Depth
56 mm
Clearance width, maximum DIN rail length
63 mm
max. assembly length
49 mm
Material specifications
Color
squirrell grey RAL 7000
Material
Polyester fiberglass reinforced
Flammability rating according to UL 94
V0
Seal material
Chloroprene
Components
halogen-free
Mechanical properties
General
Type of locking (GRP)
Screw-on cover Plus/minus screw
Environmental and real-life conditions
Degree of protection (IP code)
Degree of protection
IP66
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
Mounting
Integrated blind hole
Assembly note
E PE A 75X80X56 - Empty enclosure
0899337
https://www.phoenixcontact.com/us/products/0899337
Aug 25, 2025, 5:38AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com