Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD135 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BD135
Description  NPN SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD135 Datasheet(HTML) 2 Page - STMicroelectronics

  BD135 Datasheet HTML 1Page - STMicroelectronics BD135 Datasheet HTML 2Page - STMicroelectronics BD135 Datasheet HTML 3Page - STMicroelectronics BD135 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-ca se
Thermal Resistance Junction-case
Max
10
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICBO
Collector Cut -of f
Current (IE =0)
VCB =30 V
VCB =30 V
TC =125
oC
0.1
10
µA
µA
IEBO
Emitt er Cut -of f Current
(IC =0)
VEB =5 V
10
µA
VCEO(sus )
∗ Collector-Emitter
Sustaining Voltage
IC =30 mA
for BD135
for BD139
45
80
V
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC =0.5 A
IB =0.05 A
0.5
V
VBE
∗
Base-Emitt er Voltage
IC =0.5 A
VCE =2 V
1
V
hFE
∗
DC Current Gain
IC =5 mA
VCE =2 V
IC =0. 5 A
VCE =2 V
IC =150 mA
VCE =2 V
25
25
40
250
hFE
hFE Groups
IC =150 mA
VCE =2 V
for BD139 group 10
63
160
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area
BD135 / BD139
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com