Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC385LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC385LP4
Description  MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC385LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC385LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC385LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC385LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC385LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC385LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC385LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9
9 - 14
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
General Description
Features
Functional Diagram
The HMC385LP4 & HMC385LP4E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC VCOs
with
integrated
resonators,
negative
resistance
devices,
varactor diodes,
and
buffer
amplifiers.
Covering 2.25 to 2.5 GHz, the VCO’s phase noise
performance is excellent over temperature, shock,
vibration and process due to the oscillator’s monolithic
structure. Power output is 4.5 dBm typical from a
single supply of 3V @ 35mA. The voltage controlled
oscillator is packaged in a low cost leadless QFN
4x4 mm surface mount package.
Pout: +4.5 dBm
Phase Noise: -115 dBc/Hz @100 KHz
No External Resonator Needed
Single Supply: 3V @ 35 mA
QFN Leadless SMT Package, 16 mm2
Typical Applications
Low noise MMIC VCO w/Buffer Amplifier for:
• Wireless Infrastructure
• Industrial Controls
• Test Equipment
• Military
Electrical Specifications, T
A = +25° C, Vcc = +3V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
2.25 - 2.5
GHz
Power Output
1.5
4.5
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RF Output
-115
dBc/Hz
Tune Voltage (Vtune)
0
10
V
Supply Current (Icc) (Vcc = +3.0V)
35
mA
Tune Port Leakage Current
10
μA
Output Return Loss
9dB
Harmonics
2nd
3rd
-7
-23
dBc
dBc
Pulling (into a 2.0:1 VSWR)
2.0
MHz pp
Pushing @ Vtune= +5V
-2
MHz/V
Frequency Drift Rate
0.25
MHz/°C
MMIC VCO w/ BUFFER
AMPLIFIER, 2.25 - 2.5 GHz
v02.0705
HMC385LP4 / 385LP4E


Similar Part No. - HMC385LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC385LP4 HITTITE-HMC385LP4 Datasheet
269Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC385LP4 HITTITE-HMC385LP4 Datasheet
245Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC385LP4E HITTITE-HMC385LP4E Datasheet
245Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC385LP4 HITTITE-HMC385LP4_08 Datasheet
245Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
More results

Similar Description - HMC385LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC358MS8G HITTITE-HMC358MS8G Datasheet
185Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC384LP4 HITTITE-HMC384LP4 Datasheet
235Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.05 - 2.25 GHz
HMC385LP4 HITTITE-HMC385LP4 Datasheet
269Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC388LP4 HITTITE-HMC388LP4 Datasheet
273Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.15 - 3.4 GHz
HMC384LP4 HITTITE-HMC384LP4_06 Datasheet
314Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.05 - 2.25 GHz
HMC358MS8G HITTITE-HMC358MS8G_08 Datasheet
202Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC385LP4 HITTITE-HMC385LP4_08 Datasheet
245Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC391LP4 HITTITE-HMC391LP4_09 Datasheet
238Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
HMC430LP4 HITTITE-HMC430LP4_08 Datasheet
231Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC532LP4 HITTITE-HMC532LP4_09 Datasheet
202Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com