Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0808736 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0808736
Description  Type 3 surge protection device - TTC-6P-T3-24DC-UT-I
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0808736 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0808736 Datasheet HTML 1Page - PHOENIX CONTACT 0808736 Datasheet HTML 2Page - PHOENIX CONTACT 0808736 Datasheet HTML 3Page - PHOENIX CONTACT 0808736 Datasheet HTML 4Page - PHOENIX CONTACT 0808736 Datasheet HTML 5Page - PHOENIX CONTACT 0808736 Datasheet HTML 6Page - PHOENIX CONTACT 0808736 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/gb/products/1027584
12/30/2019   Page 2 / 7
Type 3 surge protection device - TTC-6P-T3-24DC-UT-I - 1027584
Technical data
Ambient conditions
Altitude
≤ 6000 m (amsl (above mean sea level))
Permissible humidity (operation)
5 % ... 95 %
Shock (operation)
30g (Half-sine / 11 ms / 3x ±X, ±Y, ±Z)
Vibration (operation)
5g (10 ... 150 Hz/20 cycles/axis/X, Y, Z)
General
EN type
T3
IEC power supply system
DC
Number of ports
One
Mode of protection
(DC+) - (DC-)
(DC+/DC-) - PE
Mounting type
DIN rail: TH 35 - 7.5 mm
Color
traffic grey A RAL 7042
light grey RAL 7035
Housing material
PBT
Degree of pollution
2
Flammability rating according to UL 94
V-0
Type
DIN rail module, two-section, divisible
Number of positions
2
Surge protection fault message
optical
Additional descriptions
Note
CBM:
2905743 CBM E4 24DC/0.5-10A NO-R
2905744 CBM E8 24DC/0.5-10A NO-R
CBMC:
2906032 CBMC E4 24DC/1-10A NO
2908716 CBMC E4 24DC/1-10A NO-C
2910411 CBMC E4 24DC/1-10A IOL
PTCB:
2908262 PTCB E1 24DC/1-8A NO
Protective circuit
Nominal voltage UN
24 V DC
Maximum continuous voltage UC
30 V DC
Rated load current IL
6 A (30 °C)
Residual current IPE
≤ 5 µA
Nominal discharge current In (8/20) µs
1 kA
Combination wave UOC
2 kV (2 Ω)
6 kV (12 Ω)
Voltage protection level Up (DC+) - (DC-)
≤ 0.09 kV (Uoc= 2 kV)
≤ 0.2 kV (Uoc= 6 kV)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com