Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT75X2.4 Datasheet(PDF) 2 Page - Concordia Technologies Ltd

Part # ACT75X2.4
Description  Nylon Black & Natural Cable Ties
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONCORDIATECHNOLOGIES [Concordia Technologies Ltd]
Direct Link  https://concordiatechnologies.com/
Logo CONCORDIATECHNOLOGIES - Concordia Technologies Ltd

ACT75X2.4 Datasheet(HTML) 2 Page - Concordia Technologies Ltd

  ACT75X2.4 Datasheet HTML 1Page - Concordia Technologies Ltd ACT75X2.4 Datasheet HTML 2Page - Concordia Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet Ref: NYLONCABLETIES
Issue: 1
Page 2 of 2
This data sheet remains the property and copyright of C & C Cables Limited and the information contained within this document must
not be copied or reproduced without the permission, in writing, from C & C Cables Limited. All information contained within this data
sheet was correct at time of creation but may be subject to change without prior notice.
C & C Cables Limited Unit OA, Time Technology Park, Blackburn Road, Simonstone, Burnley, Lancs, BB12 7NQ, UK
Part No.
Max.Bundle Tensile Strength
Pack
Replace * for Col.
Black Natural
Size
Diameter
lbs(kg)
Qty
ACT75X2.4 *
B
N
75X2.4
18.0mm
18(8)
100
ACT100X2.5 *
B
N
100X2.5
25.0mm
18(8)
100
ACT120X2.5 *
B
N
120X2.5
30.0mm
18(8)
100
ACT165X2.5 *
B
N
165X2.5
44.0mm
18(8)
100
ACT203X2.5 *
B
N
203X2.5
55.0mm
18(8)
100
ACT150X3.6 *
B
N
150X3.6
39.0mm
40(18)
100
ACT203X3.6 *
B
N
203X3.6
55.0mm
40(18)
100
ACT292X3.6 *
B
N
292X3.6
85.0mm
40(18)
100
ACT160X4.8 *
B
N
160X4.8
42.0mm
50(22)
100
ACT190X4.8 *
B
N
190X4.8
52.0mm
50(22)
100
ACT250X4.8 *
B
N
250X4.8
74.0mm
50(22)
100
ACT300X4.8 *
B
N
300X4.8
85.0mm
50(22)
100
ACT368X4.8 *
B
N
368X4.8
102.0mm
50(22)
100
ACT450X4.8 *
B
N
450X4.8
130.0mm
50(22)
100
ACT203X7.6 *
B
N
203X7.6
55.0mm
120(55)
100
ACT300X7.6 *
B
N
300X7.6
88.0mm
120(55)
100
ACT380X7.6 *
B
N
380X7.6
110.0mm
120(55)
100
ACT550X8.0 *
B
N
550X8.0
166.0mm
175(80)
50
ACT610X9.0 *
B
N
610X9.0
185.0mm
175(80)
50
ACT710X9.0 *
B
N
710X9.0
220.0mm
175(80)
50
ACT812X9.0 *
B
N
812X9.0
246.0mm
175(80)
50
ACT914X9.0 *
B
N
914X9.0
270.0mm
175(80)
50
ACT1219X9.0 *
B
N
1219X9.0
380.0mm
175(80)
50
ACT280X12.7 *
B
N
280X12.7
80.0mm
250(114)
25
ACT380X12.7 *
B
N
380X12.7
110.0mm
250(114)
25
ACT480X12.7 *
B
N
480X12.7
140.0mm
250(114)
25
ACT580X12.7 *
B
N
580X12.7
175.0mm
250(114)
25
ACT730X12.7 *
B
N
730X12.7
225.0mm
250(114)
25
ACT880X12.7 *
B
N
880X12.7
267.0mm
250(114)
25
ACT1030X12.7 *
B
N
1030X12.7
317.0mm
250(114)
25
BULK PACKS
ACT100X2.5 * BP
B
N
Cable tie 2.5-100 Bulk Pack
500
ACT150X3.6 * BP
B
N
Cable tie 3.6-150 Bulk Pack
500
ACT203X3.6 * BP
B
N
Cable tie 3.6-203 Bulk Pack
500
ACT300X4.8 * BP
B
N
Cable tie 4.8-300 Bulk Pack
500



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com