Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD179 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BD179
Description  NPN SILICON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD179 Datasheet(HTML) 2 Page - STMicroelectronics

  BD179 Datasheet HTML 1Page - STMicroelectronics BD179 Datasheet HTML 2Page - STMicroelectronics BD179 Datasheet HTML 3Page - STMicroelectronics BD179 Datasheet HTML 4Page - STMicroelectronics BD179 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-ca se
Thermal Resistance Junction-case
Max
4.16
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICBO
Collect or Cut-off
Current (IE =0)
VCB =80 V
100
µA
IEBO
Emitt er Cut-off Current
(IC =0)
VEB =5 V
1
mA
VCEO(sus )
∗ Collector-Emitter
Sustaining Voltage
IC =100 mA
80
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =1 A
IB = 0.1 A
0.8
V
VBE
Base-Emitt er Voltage
IC =1 A
VCE =2 V
1.3
V
hFE
DC Current G ain
IC =150 mA
VCE =2 V
IC =1 A
VCE =2 V
40
15
hFE
hFE G roups
IC =150 mA
VCE = 2 V
group 16
100
250
fT
Transit ion F requency
IC =250 mA
VCE =10 V
3
MHz
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area
Derating Curves
BD179
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com