Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2017 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2017
Description  Mini Solderless Breadboard - 2x4 Points
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2017 Datasheet(HTML) 2 Page - Adafruit Industries

  2017 Datasheet HTML 1Page - Adafruit Industries 2017 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Details 
o
2 rows of 4 holes 
o
Breadboard: 18mm x 8mm x 8mm / 0.7" x 0.3" x 0.3" 
o
Metal pins: 3mm  
o
Weight: 1.4g 
 
 
 
 
 
 
 
 
 
 
 
 
 
                                                https://www.adafruit.com/product/1988 7‐25‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com