Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8124/08 Datasheet(PDF) 2 Page - 3M Electronics

Part # 8124/08
Description  3M™ Round Conductor Flat Cable .100" 22 AWG Stranded, PVC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8124/08 Datasheet(HTML) 2 Page - 3M Electronics

  8124/08 Datasheet HTML 1Page - 3M Electronics 8124/08 Datasheet HTML 2Page - 3M Electronics 8124/08 Datasheet HTML 3Page - 3M Electronics 8124/08 Datasheet HTML 4Page - 3M Electronics 8124/08 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Round Conductor Flat Cable
.100" 22 AWG Stranded, PVC
8124 Series
TS-0084-B
Sheet 2 of 2
Ordering Information
8124 / XX
Inch
[mm]
Tolerance Unless Noted
.0
.00
.000
Inch
±.1
±.01 ±.005
[ ] Dimensions for Reference Only
Note: Standard length is 100 ft/roll.
Note: Red marking on one edge of cable designates wire #1.
Number of Conductors
(See Table)
Number of
Conductors
3M Part
Number
Dimension A
Dimension B
05
8124/05
0.468 ± .015 [ 11.89 ]
0.400 ± .010 [ 10.16 ]
06
8124/06
0.568 ± .015 [ 14.43 ]
0.500 ± .010 [ 12.70 ]
07
8124/07
0.668 ± .015 [ 16.97 ]
0.600 ± .010 [ 15.24 ]
08
8124/08
0.768 ± .015 [ 19.51 ]
0.700 ± .010 [ 17.78 ]
09
8124/09
0.868 ± .015 [ 22.05 ]
0.800 ± .010 [ 20.32 ]
10
8124/10
0.968 ± .015 [ 24.59 ]
0.900 ± .010 [ 22.86 ]
11
8124/11
1.068 ± .020 [ 27.13 ]
1.000 ± .015 [ 25.40 ]
12
8124/12
1.168 ± .020 [ 29.67 ]
1.100 ± .015 [ 27.94 ]
13
8124/13
1.268 ± .020 [ 32.21 ]
1.200 ± .015 [ 30.48 ]
14
8124/14
1.368 ± .020 [ 34.75 ]
1.300 ± .015 [ 33.02 ]
15
8124/15
1.468 ± .020 [ 37.29 ]
1.400 ± .015 [ 35.56 ]
16
8124/16
1.568 ± .020 [ 39.83 ]
1.500 ± .015 [ 38.10 ]
17
8124/17
1.668 ± .020 [ 42.37 ]
1.600 ± .015 [ 40.64 ]
18
8124/18
1.768 ± .020 [ 44.91 ]
1.700 ± .015 [ 43.18 ]
19
8124/19
1.868 ± .020 [ 47.45 ]
1.800 ± .015 [ 45.72 ]
20
8124/20
1.968 ± .020 [ 49.99 ]
1.900 ± .015 [ 48.26 ]
21
8124/21
2.068 ± .025 [ 52.53 ]
2.000 ± .020 [ 50.80 ]
22
8124/21
2.168 ± .025 [ 55.07 ]
2.100 ± .020 [ 53.34 ]
23
8124/23
2.268 ± .025 [ 57.61 ]
2.200 ± .020 [ 55.88 ]
24
8124/24
2.368 ± .025 [ 60.15 ]
2.300 ± .020 [ 58.42 ]
25
8124/25
2.468 ± .025 [ 62.69 ]
2.400 ± .020 [ 60.96 ]
26
8124/26
2.568 ± .025 [ 65.23 ]
2.500 ± .020 [ 63.50 ]
27
8124/27
2.668 ± .025 [ 67.77 ]
2.600 ± .020 [ 66.04 ]
28
8124/28
2.768 ± .025 [ 70.31 ]
2.700 ± .020 [ 68.58 ]
29
8124/29
2.868 ± .025 [ 72.85 ]
2.800 ± .020 [ 71.12 ]
30
8124/30
2.968 ± .025 [ 75.39 ]
2.900 ± .020 [ 73.66 ]
31
8124/31
3.068 ± .025 [ 77.93 ]
3.000 ± .020 [ 76.20 ]
32
8124/32
3.168 ± .025 [ 80.47 ]
3.100 ± .020 [ 78.74 ]
33
8124/33
3.268 ± .025 [ 83.01 ]
3.200 ± .020 [ 81.28 ]
34
8124/34
3.368 ± .025 [ 85.55 ]
3.300 ± .020 [ 83.82 ]
35
8124/35
3.468 ± .025 [ 88.09 ]
3.400 ± .020 [ 86.36 ]
36
8124/36
3.568 ± .025 [ 90.63 ]
3.500 ± .020 [ 88.90 ]
37
8124/37
3.668 ± .025 [ 93.17 ]
3.600 ± .020 [ 91.44 ]
38
8124/38
3.768 ± .025 [ 95.71 ]
3.700 ± .020 [ 93.98 ]
39
8124/39
3.868 ± .025 [ 98.25 ]
3.800 ± .020 [ 96.52 ]
40
8124/40
3.968 ± .025 [ 100.79 ]
3.900 ± .020 [ 99.06 ]
A
B
.060 ± .003
[ 1.52 ]
.100 Typ
[ 2.54 ]
.034 Ref
[ 0.86 ]
Dark Gray PVC Insulation Typ
Light Gray PVC
Carrier
22 AWG 7 X 30 [ 7 X 0.254 ] Tinned
Stranded Copper Conductors
C
Blank = Standard
C = Canadian Certified Version
(OPTIONAL)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com