Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD235 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BD235
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD235 Datasheet(HTML) 1 Page - STMicroelectronics

  BD235 Datasheet HTML 1Page - STMicroelectronics BD235 Datasheet HTML 2Page - STMicroelectronics BD235 Datasheet HTML 3Page - STMicroelectronics BD235 Datasheet HTML 4Page - STMicroelectronics BD235 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BD235/BD236
BD237/BD238
COMPLEMENTARY SILICON POWER TRANSISTORS
s
SGS-THOMSON PREFERRED SALESTYPES
DESCRIPTION
The BD235 and BD237 are silicon epitaxial-base
NPN power transistors in Jedec SOT-32 plastic
package inteded for use in medium power linear
and switching applications.
The complementary PNP types are BD236 and
BD238 respectively.
INTERNAL SCHEMATIC DIAGRAM
September 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
NPN
BD235
BD237
PNP
BD236
BD238
VCBO
Collector-Base Voltage (IE =0)
60
100
V
VCER
Collector-Base Voltage (RBE =1K
Ω)60
100
V
VCEO
Collector-Emit ter Voltage (IB =0)
60
80
V
VEBO
Emitter-Base Voltage (IC =0)
5
V
IC
Collector Current
2
A
ICM
Collector Peak Current
6
A
Ptot
Tot al Dissipation at Tc =25
oC25
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. O perat ing Junction Temperature
150
oC
For PNP types voltage and current values are negative.
3
2
1
SOT-32
1/5


Similar Part No. - BD235

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BD235 FAIRCHILD-BD235 Datasheet
38Kb / 4P
Medium Power Linear and Switching Applications
logo
List of Unclassifed Man...
BD235 ETC1-BD235 Datasheet
1Mb / 2P
TO-126 Plastic-Encapsulate Transistors
logo
Weitron Technology
BD235 WEITRON-BD235 Datasheet
180Kb / 3P
NPN Epitaxial Planar Transistors
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
265Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Feb-2003
logo
TRANSYS Electronics Lim...
BD235 TEL-BD235 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
More results

Similar Description - BD235

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com