Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED24VCORD Datasheet(PDF) 2 Page - Pentair Equipment Protection - Hoffman

Part # LED24VCORD
Description  PANELIT E Enclosure Lights Overview
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

LED24VCORD Datasheet(HTML) 2 Page - Pentair Equipment Protection - Hoffman

  LED24VCORD Datasheet HTML 1Page - Pentair Equipment Protection - Hoffman LED24VCORD Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman LED24VCORD Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman LED24VCORD Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman LED24VCORD Datasheet HTML 5Page - Pentair Equipment Protection - Hoffman LED24VCORD Datasheet HTML 6Page - Pentair Equipment Protection - Hoffman  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ElEctrical accEssoriEs Lighting Packages
Spec-00581 L
PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com
EQUIPMENT PROTECTION
accEssoriEs
2
PaNElitE lED ENclosurE light
24 VDC operation for superior
lighting performance with
minimal power consumption
140-degree cone angle casts a
broad covering of neutral light
between 3500 and 4500K color
temperature
Center section rotates 120
degrees to re-direct light where
needed
Long life; 70 percent of initial
luminance at 50,000 hours (at 25
C)
High power LED emitters produce
470 Lumens for superior lighting
performance
Can be wired using optional
PANELITE Cable Accessories or
can be hard-wired with terminal
blocks included in hardware kit
Up to five lights can be daisy-
chained together using hard-
wired connection to power supply
or catalog number LPC72 power
cable with leads
Bulletin: A80lt
Catalog Number
Description
VDC
Amps
W
in./mm
X
in./mm
LED24V15
LED Light, 15 in.
24
.5
15.00
381
8.00
203
rEPlacEmENt harDwarE Kit For PaNElitE lED
ENclosurE light
Relacement hardware kit is available for the replacement of lost
or damaged hardware supplied with the PANELITE LED Lights. Kit
includes mounting brackets and all mounting hardware.
Bulletin: A80lt
Catalog Number
Description
LED24VHDWK
Replacement hardware kit for LED24V14
PaNElitE FluorEscENt ENclosurE light
120 VAC, 50/60 Hz operation
Can be wired using optional
PANELITE Cable Accessories or
can be hard-wired with terminal
blocks included in hardware kit
Available in 15-, 18- and 28-in.
lengths with ability to daisy chain
up to five lights together using
one power supply
Fluorescent bulb not included
Bulletin: A80lt
Catalog Number
Description
VAC
Hz
Amps
W
in./mm
X
in./mm
Bulb
(purchase
separately)
Replacement
Lens Cover
LF120V15
Fluorescent Light, 15 in.
120
50/60
.13
14.50
368
9.63
245
F6T5
LFL15
LF120V18
Fluorescent Light, 18 in.
120
50/60
.13
17.50
445
12.63
321
F8T5
LFL18
LF120V28
Fluorescent Light, 28 in.
120
50/60
.26
27.75
705
22.88
581
F14T5
LFL28



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com