Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GKEY3MMDB Datasheet(PDF) 4 Page - Pentair Equipment Protection - Hoffman

Part # GKEY3MMDB
Description  GL66 SERIES MILD STEEL HINGED COVER WALL-MOUNT ENCLOSURES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

GKEY3MMDB Datasheet(HTML) 4 Page - Pentair Equipment Protection - Hoffman

  GKEY3MMDB Datasheet HTML 1Page - Pentair Equipment Protection - Hoffman GKEY3MMDB Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman GKEY3MMDB Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman GKEY3MMDB Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Langenalber Str. 96-100, D-75334 Straubenhardt
Pentair, Hoffman and Design with Confidence are owned by Pentair or its global affiliates. All other trademarks are the property of
their respective owners.
© 2015 Pentair.
WWW.PENTAIRPROTECT.COM
EUROPE
Straubenhardt, Germany
Tel: +49.7082.794.0
Betschdorf, France
Tel: +33.3.88.90.64.90
Warsaw, Poland
Tel: +48.22.60.70.616
Lainate, Italy
Tel: +39.02.932.714.1
Moscow, Russia
Tel: +7.495.926.18.85
Hemel Hempstead, Great Britain
Tel: +44.1442.24.04.71
Skarpnäck, Sweden
Tel: +46.8.683.61.00
MIDDLE EAST AND AFRICA
Dubai, United Arab Emirates
Tel: +971.4.37.81.700
Spec-01080 A
FULL-WIDTH TOP AND BOTTOM
MOUNTING-BRACKET KIT WITH STUDS
Item Number
Description
Fits B
[mm]
L
[mm]
S
[mm]
GTBMTBK300
Set of 2 mouting brackets for GL66 HC Lenght 296 mm
300
296
262
GTBMTBK400
Set of 2 mouting brackets for GL66 HC Lenght 396 mm
400
396
362
GTBMTBK500
Set of 2 mouting brackets for GL66 HC Lenght 496 mm
500
496
462
GTBMTBK600
Set of 2 mouting brackets for GL66 HC Lenght 596 mm
600
596
562
GTBMTBK800
Set of 2 mouting brackets for GL66 HC Lenght 796 mm
800
796
762
Item Number
Description
Fits Enclosure
ADP1
Data pockets 152 x 152
when A is less than or equal to 610 and
B is Less than or equal to 610
ADP2
Data pockets 305 x 305
when A is less than or equal to 762 and
B is Less than or equal to 508
ACCESSORIES
Used to mount enclosure to a wall or another enclosure.
Includes two 2,5 mm thick steel external mounting
brackets and mounting hardware. Finished with
RAL 7035 textured light- gray polyester powder paint.
Data Pockets provide convenient storage for wiring
diagrams, operation manuals and other documentation
inside an enclosure. Constructed of high-impact
thermoplastic, pockets are dark gray and have cutout
areas for easy access and visibility to contents.
DATA POCKET
Item Number
Description
CMFK
Set of 4 steel mouting brakets for GL66 HC
CMTGFT
Set of 4 composite mouting brakets for GL66 HC
Mounting-bracket kits are field-installable.
Set of four (4) brackets. Mounting brackets are required
to maintain UL/CSA external mounting requirement.
MOUNTING-BRACKET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com