Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P014-06N. Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P014-06N.
Description  Standard Laptop Power Adapter Cord, 2.5A, 18AWG (IEC-320-C14 to IEC-320-C5), 6-in.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P014-06N. Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P014-06N. Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P014-06N. Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Standard Laptop Power Adapter Cord, 2.5A, 18AWG
(IEC-320-C14 to IEC-320-C5), 6-in.
MODEL NUMBER: P014-06N
Description
Tripp Lite 6-inch, C14 to C5 power cord adapter. Constructed with 3 x 18AWG SJT cable.
Features
6-inch C14 to C5 Power Cord
3 x 18AWG SJT, H05VV-F 3G
100-250V
RoHS Compliant
Specifications
INPUT
Cable Length (ft.)
0.5
Cable Length (m)
0.2
PHYSICAL
Color
Black
CONNECTIONS
Side A - Connector 1
IEC-320-C14
Side B - Connector 1
IEC-320-C5
WARRANTY
Highlights
6-inch C14 to C5 Power Cord
Adapter
3 x 18AWG
Package Includes
6-inch C14 to C5 Power Cord
adapter
1 / 2


Similar Part No. - P014-06N.

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P014-06N TRIPPLITE-P014-06N Datasheet
161Kb / 2P
Laptop Power Adapter Cord, C14 to C5 Adapter - 2.5A, 100??50V, 18 AWG, 6 in., Black
More results

Similar Description - P014-06N.

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P01406N TRIPPLITE-P01406N Datasheet
480Kb / 2P
Standard Laptop Power Adapter Cord, 2.5A, 18AWG (IEC-320-C14 to IEC-320-C5), 6-in
P004001 TRIPPLITE-P004001 Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 1-ft
P004003 TRIPPLITE-P004003 Datasheet
487Kb / 2P
Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 3-ft
P004004 TRIPPLITE-P004004 Datasheet
483Kb / 2P
Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 4-ft
P004006 TRIPPLITE-P004006 Datasheet
487Kb / 2P
Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P004008 TRIPPLITE-P004008 Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 8-ft
P004015 TRIPPLITE-P004015 Datasheet
487Kb / 2P
Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 15-ft
P014006 TRIPPLITE-P014006 Datasheet
480Kb / 2P
Standard Laptop Power Adapter Cord, 2.5A, 18AWG (IEC-320-C14 to IEC-320-C5), 6-ft
P04700610A TRIPPLITE-P04700610A Datasheet
482Kb / 2P
Standard Power Extension Cord, 10A, 18AWG (IEC-320-C19 to IEC-320-C14), 6-ft
P004-010 TRIPPLITE-P004-010 Datasheet
493Kb / 3P
Standard Computer Power Extension Cord, 10A 18AWG (IEC-320-C14 to IEC-320-C13) 10-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com