Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10CWH02FN-M3 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 10CWH02FN-M3
Description  Hyperfast Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

10CWH02FN-M3 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  10CWH02FN-M3 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 10CWH02FN-M3 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hyperfast Rectifier Diode
10CWH02FN-M3
www.iscsemi.com
1
FEATURES
· Low Leakage Current
· Hyperfast Recovery Time
· Output Rectification Freewheeling
APPLICATIONS
· SMPS Inverters
· Freewheeling Diode
· PFC
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
200
V
IF(AV)
Average Rectified Forward Current
5×2
A
IFSM
Non-repetitive Peak Surge Current
80
A
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
per Diode
3.2
℃
/W
Rth j-c
Thermal Resistance,Junction to Case
per Package
1.6
℃
/W


Similar Part No. - 10CWH02FN-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10CWH02FN-M3 VISHAY-10CWH02FN-M3 Datasheet
148Kb / 8P
Hyperfast Rectifier, 2 x 5 A FRED Pt®
31-Mar-11
More results

Similar Description - 10CWH02FN-M3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC15-600 NXP-BYC15-600 Datasheet
70Kb / 10P
Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC20-600 NXP-BYC20-600 Datasheet
70Kb / 10P
Rectifier diode, hyperfast
Rev. 01-28 November 2007
BYC20X-600 NXP-BYC20X-600 Datasheet
74Kb / 10P
Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC10X-600.127 NXP-BYC10X-600.127 Datasheet
75Kb / 10P
Rectifier diode, hyperfast
Rev. 02-16 January 2008
BYC5X-600 PHILIPS-BYC5X-600_15 Datasheet
73Kb / 10P
Rectifier diode hyperfast
Rev. 01-3 September 2007
BYC10X-600 PHILIPS-BYC10X-600_15 Datasheet
75Kb / 10P
Rectifier diode, hyperfast
Rev. 02-16 January 2008
BYC15X-600 PHILIPS-BYC15X-600_15 Datasheet
74Kb / 10P
Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC20-600 PHILIPS-BYC20-600_15 Datasheet
70Kb / 10P
Rectifier diode, hyperfast
Rev. 01-28 November 2007
BYC20X-600 PHILIPS-BYC20X-600_15 Datasheet
74Kb / 10P
Rectifier diode, hyperfast
Rev. 01-29 November 2007
logo
Unisonic Technologies
BYC15 UTC-BYC15 Datasheet
171Kb / 3P
RECTIFIER DIODE, HYPERFAST
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com