Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOD260LSD Datasheet(PDF) 7 Page - ON Semiconductor

Part # FOD260LSD
Description  3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD260LSD Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FOD260LSD Datasheet HTML 3Page - ON Semiconductor FOD260LSD Datasheet HTML 4Page - ON Semiconductor FOD260LSD Datasheet HTML 5Page - ON Semiconductor FOD260LSD Datasheet HTML 6Page - ON Semiconductor FOD260LSD Datasheet HTML 7Page - ON Semiconductor FOD260LSD Datasheet HTML 8Page - ON Semiconductor FOD260LSD Datasheet HTML 9Page - ON Semiconductor FOD260LSD Datasheet HTML 10Page - ON Semiconductor FOD260LSD Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD060L, FOD260L Rev. 1.0.5
6
Typical Performance Curves
Fig. 8 Pulse Width Distortion vs.
Ambient Temperature
Fig. 7 Rise and Fall Times vs.
Ambient Temperature
-40
-20
0
20
40
60
80
100
V
CC
= 3.3V
IF = 7.5mA
RL = 350
Ω
tr
tf
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
30
V
CC
= 3.3V
IF = 7.5mA
RL = 350
Ω
FOD060L
FOD260L
0
5
10
15
20
25
30
35
TA - Ambient Temperature (°C)
TA - Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com