Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOD260LSV Datasheet(PDF) 2 Page - ON Semiconductor

Part # FOD260LSV
Description  3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD260LSV Datasheet(HTML) 2 Page - ON Semiconductor

  FOD260LSV Datasheet HTML 1Page - ON Semiconductor FOD260LSV Datasheet HTML 2Page - ON Semiconductor FOD260LSV Datasheet HTML 3Page - ON Semiconductor FOD260LSV Datasheet HTML 4Page - ON Semiconductor FOD260LSV Datasheet HTML 5Page - ON Semiconductor FOD260LSV Datasheet HTML 6Page - ON Semiconductor FOD260LSV Datasheet HTML 7Page - ON Semiconductor FOD260LSV Datasheet HTML 8Page - ON Semiconductor FOD260LSV Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD060L, FOD260L Rev. 1.0.5
October 2011
FOD060L, FOD260L
3.3V/5V High Speed-10 MBit/s
Logic Gate Optocouplers
Features
■ FOD060L in SO8 and FOD260L in 8-pin DIP
■ Very high speed – 10 MBit/s
■ Superior CMR — 50 kV/µs at 1,000V peak
■ Fan-out of 8 over -40°C to +85°C
■ Logic gate output
■ Strobable output
■ Wired OR-open collector
■ Safety and regulatory approvals
– UL1577
– DIN EN/IEC 60747-5-2
Applications
■ Ground loop elimination
■ LSTTL to TTL, LSTTL or 5-volt CMOS
■ Line receiver, data transmission
■ Data multiplexing
■ Switching power supplies
■ Pulse transformer replacement
■ Computer-peripheral interface
Description
These optocouplers consist of an AlGaAS LED, optically
coupled to a very high speed integrated photo-detector
logic gate. Devices include a strobable output. This
output features an open collector, thereby permitting
wired
OR
outputs. The
coupled
parameters
are
guaranteed over the temperature range of -40°C to
+85°C. A maximum input signal of 5 mA will provide a
minimum output sink current of 13 mA (fan out of 8). An
internal noise shield provides superior common mode
rejection of typically 50 kV/µs at 1,000V common mode.
Package
Truth Table (Positive Logic)
*Devices with pin 7 not connected.
A 0.1 µF bypass capacitor must be connected between pins 5 and 8. (See Note 1)
Input
Enable
Output
On
H
L
Off
H
H
On
L
H
Off
L
H
On*
NC*
L*
Off*
NC*
H*
1
2
3
4
5
6
7
8
N/C
_
V
CC
V
E
V
O
GND
+
N/C
V
F
8
1
8
8
1
8
1
1
8
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com