Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD241C Datasheet(PDF) 2 Page - STMicroelectronics

Part # BD241C
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD241C Datasheet(HTML) 2 Page - STMicroelectronics

  BD241C Datasheet HTML 1Page - STMicroelectronics BD241C Datasheet HTML 2Page - STMicroelectronics BD241C Datasheet HTML 3Page - STMicroelectronics BD241C Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
3.13
62.5
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = rated VCEO
0.2
mA
ICEO
Collector Cut-off
Current (IB = 0)
for BD241A/BD242A
VCE = 30 V
for BD241B/BD242B
VCE = 60 V
for BD241C/BD242C
VCE = 60 V
0.3
0.3
0.3
mA
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 30 mA
for BD241A/BD242A
for BD241B/BD242B
for BD241C/BD242C
60
80
100
V
V
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 3 A
IB = 0.6 A
1.2
V
VBE
∗
Base-Emitter Voltage
IC = 3 A
VCE = 4 V
1.8
V
hFE
∗
DC Current Gain
IC = 1 A
VCE = 4 V
IC = 3 A
VCE = 4 V
25
10
hfe
Small Signal Current
Gain
IC = 0.5 A
VCE = 10 V
f = 1MHz
IC = 0.5 A
VCE = 10 V
f = 1KHz
3
20
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2 %
For PNP types voltage and current values are negative.
For the characteristics curves see TIP31/TIP32 series.
BD241A/B/C/BD242A/B/C
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com