Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

408LP3E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 408LP3E
Description  GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

408LP3E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  408LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 408LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 408LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 408LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 408LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 408LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 408LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 408LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5
5 - 160
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Power Compression @ 5.8 GHz
Output IP3 vs. Temperature
Noise Figure vs. Temperature
Reverse Isolation vs. Temperature
Gain, Power & Quiescent
Supply Current vs. Vpd @ 5.8 GHz
Gain & Power vs.
Supply Voltage @ 5.8 GHz
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
4.75
5
5.25
Gain
P1dB
Psat
Vcc Supply Voltage (Vdc)
0
1
2
3
4
5
6
7
8
9
10
4.8
5
5.2
5.4
5.6
5.8
6
6.2
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
4.8
5
5.2
5.4
5.6
5.8
6
6.2
Reverse Isolation
Power Down Isolation
FREQUENCY (GHz)
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
4.8
5
5.2
5.4
5.6
5.8
6
6.2
+25 C
+85 C
-40 C
FREQUENCY (GHz)
12
15
18
21
24
27
30
33
36
0
100
200
300
400
500
600
700
800
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
Gain
P1dB
Psat
Icq
Vpd (Vdc)
0
3
6
9
12
15
18
21
24
27
30
33
36
-10 -8
-6
-4
-2
0
2
4
6
8
10 12 14 16 18 20
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
HMC408LP3 / 408LP3E
GaAs InGaP HBT MMIC 1 WATT
POWER AMPLIFIER, 5.1 - 5.9 GHz
v03.0705



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com