Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET4202-RJ45 Datasheet(PDF) 3 Page - Edgecore Networks Corporation

Part # ET4202-RJ45
Description  1000BASE-T Copper SFP Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

ET4202-RJ45 Datasheet(HTML) 3 Page - Edgecore Networks Corporation

  ET4202-RJ45 Datasheet HTML 1Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 2Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 3Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 4Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 5Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Datasheet Transceiver
Pin Descriptions
PinSignal Name
Description
Notes
1VeeT
Module Transmitter Ground
1
2
Tx_Fault
Transmitter Fault. Not supported, Grounded in module
2
3
Tx_Disable
Transmitter Disable - Module disables on high or open
3
4
MOD_DEF(2)
Module Definition 2. Data line for Serial ID.
5
MOD_DEF(1)
Module Definition 1. Clock line for Serial ID.
6
MOD_DEF(0)
Module Absent, connected to VeeT or VeeR in the module
7
Rate Select
No connection
8
Rx_LOS
Loss of Signal - High Indicates Loss of Signal
2
9VeeR
Module Receiver Ground
1
10
VeeR
Module Receiver Ground
1
11
VeeR
Module Receiver Ground
1
12
RD-
Receiver Inverted Data Output
5
13
RD+
Receiver Non-Inverted Data Output
5
14
VeeR
Module Receiver Ground
1
15
VccR
Module Receiver 3.3 V Supply
4
16
VccT
Module Transmitter 3.3 V Supply
4
17
VeeT
Module Transmitter Ground
1
18
TD+
Transmitter Non-Inverted Data Input
6
19
TD-
Transmitter Inverted Data Input
6
20
VeeT
Module Transmitter Ground
1
Notes:
1.
The module signal ground contacts, VeeR and VeeT, should be isolated from the module case.
2.
TX Fault is not used and is always tied to ground.
3
TX Disable as described in the MSA is not applicable to the 1000BASE-T module, but is used for convenience as an input to reset the internal ASIC.
This pin is pulled up within the module with a 4.7kΩ to 10kΩ resistor.
Low (0–0.8 V): Transceiver on
Between (0.8 V and 2.0 V): Undefined
High (2.0–3.465 V): Transceiver in reset disable state
Open: Transceiver in reset disable state
4.
VCCR and VCCT are the receiver and transmitter power supplies. They are defined as 3.3 V ± 5% at the SFP connector pin. The maximum supply
current is about 300mA and the associated in-rush current will typically be no more than 30 mA above steady state aſter 500 nanoseconds.
5.
RD-/+: These are the differential receiver outputs. They are ac coupled 100 ohm differential lines which should be terminated with 100 ohm differential
at the user SERDES. The ac coupling is done inside the module and is thus not required on the host board. The voltage swing on these lines will be
between 600 and 2000 mV differential when properly terminated. These levels are compatible with CML and LVPECL voltage swings.
6.
TD-/+: These are the differential transmitter inputs. They are ac coupled differential lines with 100 ohm differential termination inside the module. The
ac coupling is done inside the module and is thus not required on the host board. The inputs will accept differential swings of 500 – 2400 mV, though
it is recommended that values between 500 and 1200 mV differential (250 – 600 mV single ended) be used for best EMI performance. These levels are
compatible with CML and LVPECL voltage swings.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com