Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

441 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 441
Description  SMT/SMD 0805 Resistor and Capacitor Book - 3725 pieces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

441 Datasheet(HTML) 2 Page - Adafruit Industries

  441 Datasheet HTML 1Page - Adafruit Industries 441 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17 Murata capacitor values:
o
100 pieces each of the following: 22pF ±5% 50V C0G, 0.1uF ±10% 25V X7R
o
50 pieces each of the following: 27pF ±5% 50V C0G, 33pF ±5% 50V C0G, 100pF ±5% 50V
C0G, 0.47uF ±10% X7R, 1.0uF ±10% X7R
o
25 pieces each of the following: 15pF ±5% 50V C0G, 47pF ±5% 50V C0G, 68pF ±5% 50V C0G,
82pF ±5% 50V C0G, 120pF ±5% 50V C0G, 150pF ±5% 50V C0G, 180pF ±5% 50V C0G, 220pF
±5% 50V C0G, 1nF ±10% 50V X7R,10nF ±10% 50V X7R
Technical Details
Dimensions: 7.5" x 5.5" x 1.25" (19cm x 14cm x 3.5cm)
Weight: 375 grams (13 oz)
63 5% Yageo resistor values:
o
100 pieces each of the following: 0Ω, 1KΩ, 10KΩ
o
50 pieces each of the following: 1Ω, 1.2Ω, 1.5Ω, 2Ω, 2.7Ω, 3.3Ω, 4.3Ω, 5.1Ω, 6.8Ω, 8.2Ω, 10Ω,
12Ω, 15Ω, 20Ω, 27Ω, 33Ω, 43Ω, 51Ω, 68Ω, 82Ω, 100Ω, 120Ω, 150Ω, 200Ω, 270Ω, 330Ω, 430Ω,
510Ω, 680Ω, 820Ω, 1.2KΩ, 1.5KΩ, 2KΩ, 2.7KΩ, 3.3KΩ, 4.3KΩ, 5.1KΩ, 6.8KΩ, 8.2KΩ, 12KΩ,
15KΩ, 29KΩ, 27KΩ, 33KΩ, 43KΩ, 51KΩ, 68KΩ, 82KΩ, 100KΩ
o
25 pieces each of the following: 120KΩ, 150KΩ, 200KΩ, 270KΩ, 330KΩ, 430KΩ, 510KΩ,
680KΩ, 820KΩ, 1MΩ, 2MΩ
17 Murata capacitor values:
o
100 pieces each of the following: 22pF ±5% 50V C0G, 0.1uF ±10% 25V X7R
o
50 pieces each of the following: 27pF ±5% 50V C0G, 33pF ±5% 50V C0G, 100pF ±5% 50V
C0G, 0.47uF ±10% X7R, 1.0uF ±10% X7R
o
25 pieces each of the following: 15pF ±5% 50V C0G, 47pF ±5% 50V C0G, 68pF ±5% 50V C0G,
82pF ±5% 50V C0G, 120pF ±5% 50V C0G, 150pF ±5% 50V C0G, 180pF ±5% 50V C0G, 220pF
±5% 50V C0G, 1nF ±10% 50V X7R,10nF ±10% 50V X7R
                                Engineered in NYC Adafruit ® https://www.adafruit.com/product/441 6‐8‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com