Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD4-10-100-R5 Datasheet(PDF) 1 Page - Qualwave Inc. All rights reserved.

Part # QPD4-10-100-R5
Description  4-Way Power Dividers/Combiners
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QPD4-10-100-R5 Datasheet(HTML) 1 Page - Qualwave Inc. All rights reserved.

  QPD4-10-100-R5 Datasheet HTML 1Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4-Way Power Dividers/Combiners
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.1
QPD4-10-100-R5
4-Way, 0.01~0.1GHz
Features:
Applications:
* Small Size
* Amplifiers
* Low Insertion Loss
* Mixers
* Antennas
* Laboratory Test
Electrical
Frequency:
0.01~0.1GHz
Insertion Loss:
1.2dB max. (SMA)
1.5dB max. (BNC)
Input VSWR:
1.4 max. (SMA)
1.3 max. (BNC)
Output VSWR:
1.4 max. (SMA)
1.3 max. (BNC)
Isolation:
18dB min.
Amplitude Balance:
0.4dB max. (SMA)
±0.6dB (BNC)
Phase Balance:
±4°
Impedance:
50Ω
Power @SUM Port:
0.5W max. as divider
0.375W max. as combiner
Mechanical
Mounting:
4-Φ3.2mm through-hole
Environmental
Operation Temperature:
-35~+75
℃
How To Order
QPD4-10-100-0.5-Y
Y: Connector type
Connector naming rules:
S - SMA Female (Outline A)
B - BNC Female (Outline B)
Examples:
To order a 4-way power divider, 0.01~0.1GHz, 0.5W, SMA female,
specify QPD4-10-100-R5-S.
Customization is available upon request.
Outline Drawings
Unit: mm [in]
Tolerance: ±0.5mm [±0.02in]


Similar Part No. - QPD4-10-100-R5

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QPD4-10-1000-K13-S QUALWAVE-QPD4-10-1000-K13-S Datasheet
146Kb / 1P
4-Way Power Divider/Combiner
Rev 1.1
More results

Similar Description - QPD4-10-100-R5

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
44010 ANAREN-44010 Datasheet
167Kb / 3P
Power Dividers 4-Way
44020 ANAREN-44020 Datasheet
197Kb / 3P
Power Dividers 4-Way
44100 ANAREN-44100 Datasheet
185Kb / 3P
Power Dividers 4-Way
logo
Merrimac Industries, In...
113A MERRIMAC-113A Datasheet
100Kb / 1P
POWER DIVIDERS / COMBINERS
PDF-4E-20 MERRIMAC-PDF-4E-20 Datasheet
885Kb / 1P
0 POWER DIVIDERS/COMBINERS
PDU-20-250 MERRIMAC-PDU-20-250 Datasheet
86Kb / 1P
0 POWER DIVIDERS/ COMBINERS
PDML-30A-100 MERRIMAC-PDML-30A-100 Datasheet
76Kb / 1P
0 POWER DIVIDERS / COMBINERS
QH-7-4.9 MERRIMAC-QH-7-4.9 Datasheet
238Kb / 2P
POWER DIVIDERS/COMBINERS
logo
Anaren Microwave
4A0279 ANAREN-4A0279_14 Datasheet
202Kb / 4P
Power Dividers 4-Way
4A0456 ANAREN-4A0456_14 Datasheet
438Kb / 4P
Power Dividers 4-Way
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com