Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD434 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BD434
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD434 Datasheet(HTML) 2 Page - STMicroelectronics

  BD434 Datasheet HTML 1Page - STMicroelectronics BD434 Datasheet HTML 2Page - STMicroelectronics BD434 Datasheet HTML 3Page - STMicroelectronics BD434 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
3.5
100
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
for BD433/434
VCB = 22 V
for BD435/436
VCB = 32 V
for BD437/438
VCB = 45 V
100
100
100
µA
µA
µA
ICES
Collector Cut-off
Current (VBE = 0)
for BD433/434
VCE = 22 V
for BD435/436
VCE = 32 V
for BD437/438
VCE = 45 V
100
100
100
µA
µA
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 100 mA
for BD433/434
for BD435/436
for BD437/438
22
32
45
V
V
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 2 A
IB = 0.2 A
for BD433/434
for BD435/436
for BD437/438
0.2
0.2
0.2
0.5
0.5
0.6
V
V
V
VBE
∗
Base-Emitter Voltage
IC = 10 mA
VCE = 5 V
IC = 2 A
VCE = 1 V
for BD433/434
for BD435/436
for BD437/438
0.58
1.1
1.1
1.2
V
V
V
V
hFE
∗
DC Current Gain
IC = 10 mA
VCE = 5 V
for BD433/434
for BD435/436
for BD437/438
IC = 500 mA
VCE = 1 V
IC = 2 A
VCE = 1 V
for BD433/434
for BD435/436
for BD437/438
40
40
30
85
50
50
40
130
130
130
140
hFE1
/hFE2∗ Matched Pair
IC = 500 mA
VCE = 1 V
1.4
fT
Transition frequency
IC = 250 mA
VCE = 1 V
3
MHz
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
BD433/434/435/436/437/438
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com